Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC771 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC771
Description  GEOPORTE TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC771 Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC771 Datasheet HTML 1Page - Texas Instruments SN75LBC771 Datasheet HTML 2Page - Texas Instruments SN75LBC771 Datasheet HTML 3Page - Texas Instruments SN75LBC771 Datasheet HTML 4Page - Texas Instruments SN75LBC771 Datasheet HTML 5Page - Texas Instruments SN75LBC771 Datasheet HTML 6Page - Texas Instruments SN75LBC771 Datasheet HTML 7Page - Texas Instruments SN75LBC771 Datasheet HTML 8Page - Texas Instruments SN75LBC771 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN75LBC771
GEOPORT
™ TRANSCEIVER
SLLS226A – APRIL 1996 – REVISED NOVEMBER 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DW
1125 mW
9.0 mW/
°C
720 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Positive supply voltage, VCC
4.75
5
5.25
V
Negative supply voltage, VEE
– 5.25
–5
– 4.75
V
High-level input voltage, VIH
(DA, SHDN, DEN)
2
V
Low-level input voltage, VIL
(DA, SHDN, DEN)
0.8
V
Receiver common-mode input voltage, VIC
–7
7
V
Receiver differential input voltage, VID
–12
12
V
Operating free-air temperature, TA
0
70
°C
driver electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
RL= 12 kΩ
3.6
4.5
V
VOH
High-level output voltage
Single-ended,
RL= 120 Ω
2
3.6
V
VOL
Low level output voltage
g,
See Figure 1
RL= 12 kΩ
– 4.5
–3.6
V
VOL
Low-level output voltage
RL = 120 Ω
–3.6
–2
V
|VOD|
Magnitude of differential output voltage
|VDY – VDZ|
RL = 120 Ω,
See Figure 2
4
V
∆|VOD|
Change in differential voltage magnitude
L
,
g
250
mV
VOC
Common-mode output voltage
–2
2
V
|
∆VOC(SS)|
Magnitude of change, common-mode
steady-state output voltage
See Figure 3
200
mV
|
∆VOC(PP)|
Magnitude of change, common-mode
peak-to-peak output voltage
700
mV
ICC
Positive supply current
SHDN
DEN
0V
No Load
4
10
mA
IEE
Negative supply current
SHDN = DEN = 0 V,
No Load
–2
–5
mA
ICC
Positive supply current
SHDN
DEN
5V
No Load
100
µA
IEE
Negative supply current
SHDN = DEN = 5 V,
No Load
– 100
µA
IOZ
High-impedance output current
VCC = 0 or 5 V,
–10
≤ VO ≤ 10 V
±100
µA
IOS
Short-circuit output current
VCC = 5.25 V,
See Note 3
–5 V
≤ VO ≤ 5 V,
±170
±450
mA
NOTE 3: Not more than one output should be shorted at one time.


Similar Part No. - SN75LBC771

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC771 TI1-SN75LBC771 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC771DW TI1-SN75LBC771DW Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC771DWG4 TI1-SN75LBC771DWG4 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC771 TI1-SN75LBC771_07 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
More results

Similar Description - SN75LBC771

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC773 TI-SN75LBC773 Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
SN75LBC776 TI-SN75LBC776 Datasheet
208Kb / 14P
[Old version datasheet]   SINGLE-CHIP GeoPortE TRANSCEIVER
SN75LBC777 TI-SN75LBC777 Datasheet
210Kb / 14P
[Old version datasheet]   SINGLE CHIP GEOPORTE/AppleTalkE TRANSCEIVER
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com