Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC241DW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC241DW
Description  LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC241DW Datasheet(HTML) 6 Page - Texas Instruments

  SN75LBC241DW Datasheet HTML 1Page - Texas Instruments SN75LBC241DW Datasheet HTML 2Page - Texas Instruments SN75LBC241DW Datasheet HTML 3Page - Texas Instruments SN75LBC241DW Datasheet HTML 4Page - Texas Instruments SN75LBC241DW Datasheet HTML 5Page - Texas Instruments SN75LBC241DW Datasheet HTML 6Page - Texas Instruments SN75LBC241DW Datasheet HTML 7Page - Texas Instruments SN75LBC241DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN75LBC241
LOW-POWER LinBiCMOS
™ MULTIPLE DRIVERS AND RECEIVERS
SLLS137E – MAY 1992 – REVISED JANUARY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
CL = 50 pF
(see Note B)
RL = 1.3 kΩ
0 V
3 V
Output
Input
VOL
VOH
tPHL(R)
Generator
(see Note A)
tPLH(R)
500 ns
≤10 ns
≤10 ns
VCC
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%.
B. CL includes probe and jig capacitance.
C. All diodes are 1N3064 or equivalent.
RIN
ROUT
See Note C
90%
90%
50%
50%
10%
10%
1.5 V
1.5 V
Figure 2. Receiver Test Circuit and Waveforms for tPHL and tPLH Measurement
CL = 10 pF
(see Note B)
TEST CIRCUIT
VOLTAGE WAVEFORMS
Output
VOL
VOH
tPHL
tTLH
Generator
(see Note A)
RL
RS-232
Output
tPLH
tTHL
5
µs
0 V
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%.
B. CL includes probe and jig capacitance.
TIN
TOUT
3 V
Input
≤10 ns
≤10 ns
90%
90%
50%
50%
10%
10%
90%
90%
10%
10%
Figure 3. Driver Test Circuit and Waveforms for tPHL and tPLH Measurement (5-µs Input)
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%.
B. CL includes probe and jig capacitance.
SR
+
6V
t
THL or tTLH
CL
(see Note B)
TEST CIRCUIT
Generator
(see Note A)
RL
RS-232
Output
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tTHL
tTLH
20
µs
≤10 ns
≤10 ns
90%
90%
1.5 V
1.5 V
10%
10%
–3 V
–3 V
3 V
3 V
Figure 4. Test Circuit and Waveforms for tTHL and tTLH Measurement (20-µs Input)


Similar Part No. - SN75LBC241DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC241DW TI-SN75LBC241DW Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DW TI1-SN75LBC241DW Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWE4 TI-SN75LBC241DWE4 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWG4 TI1-SN75LBC241DWG4 Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWR TI-SN75LBC241DWR Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
More results

Similar Description - SN75LBC241DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI1-SN75LBC241_14 Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com