Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC775DW Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75LBC775DW
Description  SINGLE-CHIP APPLETALKE AND LOCALTALKE TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC775DW Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC775DW Datasheet HTML 1Page - Texas Instruments SN75LBC775DW Datasheet HTML 2Page - Texas Instruments SN75LBC775DW Datasheet HTML 3Page - Texas Instruments SN75LBC775DW Datasheet HTML 4Page - Texas Instruments SN75LBC775DW Datasheet HTML 5Page - Texas Instruments SN75LBC775DW Datasheet HTML 6Page - Texas Instruments SN75LBC775DW Datasheet HTML 7Page - Texas Instruments SN75LBC775DW Datasheet HTML 8Page - Texas Instruments SN75LBC775DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN75LBC775
SINGLE-CHIP APPLETALK
™ AND LOCALTALK™ TRANSCEIVER
SLLS216A – MAY 1995 – REVISED JANUARY 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
DRIVER
electrical characteristics over recommend operating characteristics (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
Single ended
RL =3kΩ
See Figure 1
3.7
V
VOL
Low-level output voltage
Single ended
RL = 3 kΩ,
See Figure 1
– 3.7
V
|VOD|
Magnitude of differential output voltage (VDY – VDZ)
See Figure 2
4.0
5.6
V
∆|VOD|
Change in differential voltage magnitude
See Figure 2
10
250
mV
VOC
Common-mode output voltage‡
See Figure 3
–1
3
V
∆VOC(SS) Change in steady-state common-mode output voltage
See Figure 3
±200
mV
IOZ
High-impedance output current
VCC = 0, –10 V ≤ VO ≤ 10 V
±100
µA
IOS
Short-circuit output current
–5 V
≤ VO ≤ 5 V
450
mA
ICC
Supply current
DEN at 0 V,
REN at 5 V,
No load
5
10
mA
IIH
High-level input current
VI = 5 V
200
µA
IIL
low level input current
All terminals except REN
VI =0
– 100
– 200
µA
IIL
low-level input current
REN
VI = 0
– 300
– 455
µA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet.
switching characteristics over recommend operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time high to low level
Single ended
155
300
ns
tPHL
Propagation delay time, high- to low-level
Differential
115
180
ns
tPLH
Propagation delay time low to high level
Single ended
140
300
ns
tPLH
Propagation delay time, low- to high-level
Differential
115
180
ns
tPZL
Propagation delay time, high-impedance to low-level output
100
250
ns
tPZH
Propagation delay time, high-impedance to high-level output
100
250
ns
tPLZ
Propagation delay time, low-level to high-impedance output
See Figures 1 and 2
100
250
ns
tPHZ
Propagation delay time, high-level to high-impedance output
See Figures 1 and 2
100
250
ns
t
Rise time
Single ended
135
300
ns
tr
Rise time
Differential
90
180
ns
tf
Fall time
Single ended
145
300
ns
tf
Fall time
Differential
95
180
ns
tsk(p)
Pulse skew |tPLH-tPHL|
Single ended
15
50
ns
tsk(p)
Pulse skew, |tPLH-tPHL|
Differential
2
22
ns


Similar Part No. - SN75LBC775DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC771 TI-SN75LBC771 Datasheet
199Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
SN75LBC771 TI1-SN75LBC771 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC771DW TI-SN75LBC771DW Datasheet
199Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
SN75LBC771DW TI1-SN75LBC771DW Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC771DWG4 TI1-SN75LBC771DWG4 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
More results

Similar Description - SN75LBC775DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC777 TI-SN75LBC777 Datasheet
210Kb / 14P
[Old version datasheet]   SINGLE CHIP GEOPORTE/AppleTalkE TRANSCEIVER
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
   DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
logo
Cypress Semiconductor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
logo
Texas Instruments
AWR1243 TI1-AWR1243_18 Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
AWR1243 TI1-AWR1243 Datasheet
864Kb / 48P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
AWR1243_1811 TI1-AWR1243_1811 Datasheet
946Kb / 58P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com