Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC968DL Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC968DL
Description  9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC968DL Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC968DL Datasheet HTML 1Page - Texas Instruments SN75LBC968DL Datasheet HTML 2Page - Texas Instruments SN75LBC968DL Datasheet HTML 3Page - Texas Instruments SN75LBC968DL Datasheet HTML 4Page - Texas Instruments SN75LBC968DL Datasheet HTML 5Page - Texas Instruments SN75LBC968DL Datasheet HTML 6Page - Texas Instruments SN75LBC968DL Datasheet HTML 7Page - Texas Instruments SN75LBC968DL Datasheet HTML 8Page - Texas Instruments SN75LBC968DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN75LBC968
9-CHANNEL BUS TRANSCEIVER
WITH ACTIVE TERMINATION
SLLS179C – APRIL 1994 – REVISED JANUARY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receiver electrical characteristics over recommended operating conditions (unless otherwise
noted) (see Figure 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = – 8 mA
2
2.5
V
VOL
Low-level output voltage
IOL = 8 mA
0.8
V
VIT+
Positive-going input threshold voltage
VCC =VCC1
1.2
1.6
2
V
VIT – Negative-going input threshold voltage
VCC = VCC1
0.8
1.1
1.4
V
Vhys Input hysteresis voltage (VIT+ – VIT –)
0.2
0.5
V
IIH
High-level input current
VIH = 2 V
100
µA
IIL
Low-level input current
VIL = 0.5 V
100
µA
IOZ
High impedance state output current
VO = 0 V
– 100
µA
IOZ
High-impedance-state output current
VO = 5.25 V
– 100
µA
device electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
All drivers, receivers, and terminator
disabled
All inputs at 0 V
1.3
3
ICC
Supply current to VCC
All receivers enabled, termination and
drivers disabled, No load
CE at VCC,DE / RE at 0 V,
TE at 0 V
14
21
ICC
y
CC
and VCC1
All drivers enabled, termination and
DE / RE and CE at VCC,
A and TE at 0 V
33
45
mA
,
receivers disabled, No load
DE / RE and CE at VCC,
VTE = 0 V,
A at VCC1
15
21
ICC
Supply current to TE
Termination and receivers enabled,
No load
TE at VTE,DE / RE at 0 V
33
45
Co
Bus port capacitance (see Note 4)
13.5
16.5
pF
IIH
High-level input current
DE/RE, CE
VIH = VCC or 2 V
100
µA
IIL
Low-level input current
DE/RE, CE
VIL = 0.5 V
100
µA
† All typical values are at VCC = VCC1 = 5 V, TA = 25°C.
NOTE 4: Tested in accordance with Annex G X3T9.2/855D, revision 14


Similar Part No. - SN75LBC968DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC968DL TI1-SN75LBC968DL Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DLG4 TI1-SN75LBC968DLG4 Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DLR TI1-SN75LBC968DLR Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DLRG4 TI1-SN75LBC968DLRG4 Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
More results

Similar Description - SN75LBC968DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC968 TI1-SN75LBC968_09 Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
30Kb / 1P
   9 Channel Bus LVDS Transceiver with 1149.1 Access
logo
Texas Instruments
DS92LV090AEP TI1-DS92LV090AEP Datasheet
308Kb / 14P
[Old version datasheet]   DS92LV090AEP 9 Channel Bus LVDS Transceiver
logo
Motorola, Inc
MC3448A MOTOROLA-MC3448A Datasheet
424Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
701Kb / 13P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
SCAN92LV090 NSC-SCAN92LV090_06 Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com