Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS83 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS83
Description  FLATLINKE TRANSMITTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS83 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LVDS83 Datasheet HTML 2Page - Texas Instruments SN75LVDS83 Datasheet HTML 3Page - Texas Instruments SN75LVDS83 Datasheet HTML 4Page - Texas Instruments SN75LVDS83 Datasheet HTML 5Page - Texas Instruments SN75LVDS83 Datasheet HTML 6Page - Texas Instruments SN75LVDS83 Datasheet HTML 7Page - Texas Instruments SN75LVDS83 Datasheet HTML 8Page - Texas Instruments SN75LVDS83 Datasheet HTML 9Page - Texas Instruments SN75LVDS83 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN75LVDS83
FLATLINK
™ TRANSMITTER
SLLS271B – MARCH 1997 – REVISED NOVEMBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
td0
Delay time, CLKOUT
↑ to serial bit
position 0
– 0.2
0
0.2
ns
td1
Delay time, CLKOUT
↑ to serial bit
position 1
1
7
tc * 0.2
1
7
tc ) 0.2
ns
td2
Delay time, CLKOUT
↑ to serial bit
position 2
t15 38
(
± 0 2%)
2
7
tc * 0.2
2
7
tc ) 0.2
ns
td3
Delay time, CLKOUT
↑ to serial bit
position 3
tc = 15.38 ns (± 0.2%),
|Input clock jitter| < 50 ps‡,
See Figure 6
3
7
tc * 0.2
3
7
tc ) 0.2
ns
td4
Delay time, CLKOUT
↑ to serial bit
position 4
See Figure 6
4
7
tc * 0.2
4
7
tc ) 0.2
ns
td5
Delay time, CLKOUT
↑ to serial bit
position 5
5
7
tc * 0.2
5
7
tc ) 0.2
ns
td6
Delay time, CLKOUT
↑ to serial bit
position 6
6
7
tc * 0.2
6
7
tc ) 0.2
ns
tsk(o)
Output skew,
tn *
n
7
tc
– 0.2
0.2
ns
td7
Delay time, CLKIN
↓ to CLKOUT↑
tc = 15.38 ns (± 0.2%),
|Input clock jitter| < 50 ps‡,
See Figure 6
4.2
ns
∆t () C cle time o tp t clock jitter§
tc = 15.38 ± 0.75 sin (2π500E3t) + 0.05 ns,
See Figure 7
±70
ps
∆tc(o) Cycle time, output clock jitter§
tc = 15.38 ± 0.75 sin (2π3E6t) + 0.05 ns,
See Figure 7
±187
ps
tw
Pulse duration, high-level output clock
4
7
tc
ns
tt
Transition time, differential output
(tr or tf)
See Figure 3
260
700
1500
ps
ten
Enable time, SHTDN
↑ to phase lock (Yn
valid)
See Figure 8
1
ms
tdis
Disable time, SHTDN
↓ to off state
(CLKOUT low)
See Figure 9
250
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ |Input clock jitter| is the magnitude of the change in the input clock period.
§ Output clock jitter is the change in the output clock period from one cycle to the next cycle observed over 15 000 cycles.


Similar Part No. - SN75LVDS83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83ADGG TI1-SN75LVDS83ADGG Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83ADGGR TI1-SN75LVDS83ADGGR Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI1-SN75LVDS83B Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
More results

Similar Description - SN75LVDS83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS81 TI-SN75LVDS81 Datasheet
198Kb / 15P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A Datasheet
191Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS84 TI-SN75LVDS84 Datasheet
194Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTERS
SN75LVDS86 TI-SN75LVDS86 Datasheet
190Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS82 TI-SN75LVDS82 Datasheet
201Kb / 15P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS86A TI-SN75LVDS86A Datasheet
184Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
   Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com