Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS84ADGG Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS84ADGG
Description  FLATLINKE TRANSMITTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS84ADGG Datasheet(HTML) 3 Page - Texas Instruments

  SN75LVDS84ADGG Datasheet HTML 1Page - Texas Instruments SN75LVDS84ADGG Datasheet HTML 2Page - Texas Instruments SN75LVDS84ADGG Datasheet HTML 3Page - Texas Instruments SN75LVDS84ADGG Datasheet HTML 4Page - Texas Instruments SN75LVDS84ADGG Datasheet HTML 5Page - Texas Instruments SN75LVDS84ADGG Datasheet HTML 6Page - Texas Instruments SN75LVDS84ADGG Datasheet HTML 7Page - Texas Instruments SN75LVDS84ADGG Datasheet HTML 8Page - Texas Instruments SN75LVDS84ADGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN75LVDS84A
FLATLINK
™ TRANSMITTER
SLLS354C – MAY 1999 – REVISED NOVEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input and output voltage ranges, VI, VO (all terminals)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: ESD machine model
200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD human-body model
6000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD charged-device model
1500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GND terminals.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DGG
1316 mW
13.1 mW/
°C
726 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board mounted and
with no air flow.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Differential load impedance, ZL
90
132
Operating free-air temperature, TA
0
70
°C
timing requirements
MIN
NOM
MAX
UNIT
tc
Input clock period
13.3
tc
32.4
ns
tw
Pulse duration, high-level input clock
0.4 tc
0.6 tc
ns
tt
Transition time, input signal
5
ns
tsu
Setup time, data, D0 – D20 valid before CLKIN
↓ (See Figure 2)
3
ns
th
Hold time, data, D0 – D20 valid after CLKIN
↓ (See Figure 2)
1.5
ns


Similar Part No. - SN75LVDS84ADGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS84ADGG TI-SN75LVDS84ADGG Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS84ADGG TI1-SN75LVDS84ADGG Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
SN75LVDS84ADGGG4 TI-SN75LVDS84ADGGG4 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS84ADGGG4 TI1-SN75LVDS84ADGGG4 Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
SN75LVDS84ADGGR TI-SN75LVDS84ADGGR Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
More results

Similar Description - SN75LVDS84ADGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS81 TI-SN75LVDS81 Datasheet
198Kb / 15P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS83 TI-SN75LVDS83 Datasheet
205Kb / 15P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS84 TI-SN75LVDS84 Datasheet
194Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTERS
SN75LVDS86 TI-SN75LVDS86 Datasheet
190Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS82 TI-SN75LVDS82 Datasheet
201Kb / 15P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS86A TI-SN75LVDS86A Datasheet
184Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
   Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com