Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO600A59 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # CO600A59
Description  Oven Controlled Crystal Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

CO600A59 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  CO600A59 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clipped-Sine & HCMOS OCXO
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
June 2001
Vanlong Technology Co., Ltd.
Oven Controlled Crystal Oscillator
Low power consumption
Excellent temperature stabilities
High stability AT-cut crystal
Fast warm-up
Specifications:
CO-A
Frequency Range:
2.0 MHz or 150.0 MHz
Operating Temperature:
0
°C ~ +50°C
- A
-10
°C ~ +45°C
- B
-10
°C ~ +55°C
- C
-20
°C ~ +60°C
- D
-30
°C ~ +70°C
- E
Storage Temperature:
-40
°C ~ +85°C
Frequency Stability:
Accuracy:
± 5 x 10-9
Vs. Temperature:
± 5 x 10-7
- 57
± 1 x 10-7
- 17
± 5 x 10-8
- 58
± 1 x 10-8
- 18
± 5 x 10-9
- 59
Short-Term Stability:
± 2 x 10-10
per second
Aging Rate:
± 1 x 10-9
per day
± 5 x 10-7
per year max
Output Waveform:
Clipped-Sine Wave, HCMOS
Output Level:
1.0 Vp-p min clipped-sine @ 1K
TTL, HCMOS compatible
Phase Noise:
-100dBc/Hz
@ 10 Hz
-130sBc/Hz
@ 100 Hz
-140dBc/Hz
@ 1 KHz
-145dBc/Hz
@ 10 KHz
Harmonics Distortion:
-30 dB
Supply Voltage:
+5.0 VDC (
± 5%)
+12.0 VDC (
± 5%)
- P
Supply Current:
400mA max at warm-up
100mA max after warm-up at 25
°C
All dimensions are in mm
Warm-up:
4.0 Watts max
Ordering Information
Frequency Adjust:
±3.0 ppm tuning via ext potentiometer
Note:
1.
Other frequencies, stabilities, and operating temperature ranges available.
Consult VTC Support for specific requirements.
2.
Not all combinations of the above, stabilities, and temperature ranges are
available. Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Product name + Temperature + Stability +
Frequency + Other Specification Code.
i.e. CO600C18-10.0MHz
or CO600D58P-10.0MHz
CO600
Pin
Configurations
1
Vcc
2
Vref
3
Vc/Nc
4
Ground
5
Output
6
Vcc Ground


Similar Part No. - CO600A59

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
More results

Similar Description - CO600A59

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com