Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC211 Datasheet(PDF) 6 Page - Texas Instruments

Part # TC211
Description  192-165-pixel ccd image sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC211 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TC211 Datasheet HTML 2Page - Texas Instruments TC211 Datasheet HTML 3Page - Texas Instruments TC211 Datasheet HTML 4Page - Texas Instruments TC211 Datasheet HTML 5Page - Texas Instruments TC211 Datasheet HTML 6Page - Texas Instruments TC211 Datasheet HTML 7Page - Texas Instruments TC211 Datasheet HTML 8Page - Texas Instruments TC211 Datasheet HTML 9Page - Texas Instruments TC211 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC211
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS008B – JANUARY 1990
2-6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating range of supply voltage, TA = –10°C to 45°C
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
Antiblooming disabled (see Note 3)
60
dB
Dynamic range (see Note 2)
Antiblooming enabled
57
dB
Charge conversion factor
4
µV/e
Charge transfer efficiency (see Note 4)
0.99990
0.99998
Signal response delay time,
τ (see Note 5 and Figure 5)
25
ns
Gamma (see Note 6)
0.97
0.98
0.99
Output resistance
700
800
Noise voltage
1/f noise (5 kHz)
370
nV/
√Hz
Noise voltage
Random noise, f = 100 kHz
70
nV/
√Hz
Noise equivalent signal
150
electrons
Rejection ratio at 7 16 MHz
From ADB to OUT (see Note 7)
19
dB
Rejection ratio at 7.16 MHz
From SRG to OUT (see Note 8)
37
dB
Supply current
5
10
mA
IAG
1600
Input capacitance, Ci
SRG
25
pF
ABG
780
† All typical values are at TA = 25°C
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean noise signal divided by the saturation output signal.
3. For this test, the antiblooming gate must be biased at the intermediate level.
4. Charge transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical input signal.
5. Signal response delay time is the time between the falling edge of the SRG clock pulse and the output signal valid state.
6. Gamma (
γ) is the value of the exponent in the equation below for two points on the linear portion of the transfer function curve (this
value represents points near saturation):
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
7. ADB rejection ratio is – 20 times the logarithm of the ac amplitude at the OUT divided by the ac amplitude at ADB.
8. SRG rejection ratio is – 20 times the logarithm of the ac amplitude at the OUT divided by the ac amplitude at SRG.


Similar Part No. - TC211

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Productwell Precision E...
TC2111D-290M PRODUCTWELL-TC2111D-290M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2111D-350M PRODUCTWELL-TC2111D-350M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2111D-471M PRODUCTWELL-TC2111D-471M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2113D-900M PRODUCTWELL-TC2113D-900M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC210 TI-TC210 Datasheet
195Kb / 13P
[Old version datasheet]   192- x 165-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
TC240 TI1-TC240 Datasheet
302Kb / 19P
[Old version datasheet]   780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC244A TI-TC244A Datasheet
311Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com