Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM1520AP Datasheet(PDF) 5 Page - Texas Instruments

Part # TCM1520AP
Description  RING DETECTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM1520AP Datasheet(HTML) 5 Page - Texas Instruments

  TCM1520AP Datasheet HTML 1Page - Texas Instruments TCM1520AP Datasheet HTML 2Page - Texas Instruments TCM1520AP Datasheet HTML 3Page - Texas Instruments TCM1520AP Datasheet HTML 4Page - Texas Instruments TCM1520AP Datasheet HTML 5Page - Texas Instruments TCM1520AP Datasheet HTML 6Page - Texas Instruments TCM1520AP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TCM1520A
RING DETECTOR
SCTS005B – OCTOBER 1984 – REVISED DECEMBER 1990
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
APPLICATION INFORMATION
AC
INPUT
AC
INPUT
5-V OUTPUT
C FILTER
COMMON
1
8
6
37
4
TCM1520A
C2 = 10
µF,
50 V
R1 = 2.2 k
VIrms = 40 V to 150 V,
15.3 Hz to 68 Hz
R2 = 2.2 k
VID
C1 = 0.47
µF,
350 V
TIL181
To Isolated
Output
Figure 4. Isolated Configuration
AC
INPUT
AC
INPUT
5-V OUTPUT
C FILTER
COMMON
1
8
6
37
4
TCM1520A
C2 = 10
µF,
50 V
R1 = 2.2 k
VIrms = 40 V to 150 V,
15.3 Hz to 68 Hz
10 k
VID
C1 = 0.47
µF,
350 V
INVERTING
OUTPUT
Output
2
Figure 5. Nonisolated Configuration
NOTE: See Table 1 for component functions.
TABLE 1. COMPONENT FUNCTIONS
COMPONENT
FUNCTION
R1
Limits current into SCR during high-voltage transients and aids in dial-pulse rejection.
R2
Limits current into light-emitting diode.
C1
Blocks dc-battery voltage in standby and aids in filtering dial pulses. Smaller values of C1
improve tapping immunity.
C2
Stores energy from the ring signal to power the 5-V regulator.
Optocoupler
Provides ground and transient isolation between the host system and the telephone line.


Similar Part No. - TCM1520AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1520AP TI1-TCM1520AP Datasheet
116Kb / 7P
[Old version datasheet]   RING DETECTOR
More results

Similar Description - TCM1520AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1520A TI1-TCM1520A_08 Datasheet
116Kb / 7P
[Old version datasheet]   RING DETECTOR
logo
International Rectifier
PVO402AP IRF-PVO402AP Datasheet
90Kb / 6P
   Single Pole, Normally Open Ring Detector
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
   CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
logo
JFW Industries, Inc.
50D-052 JFW-50D-052_17 Datasheet
27Kb / 1P
   DETECTOR
75D-010 JFW-75D-010_17 Datasheet
26Kb / 1P
   DETECTOR
50D-050 JFW-50D-050_17 Datasheet
26Kb / 1P
   DETECTOR
75D-009 JFW-75D-009_17 Datasheet
26Kb / 1P
   DETECTOR
50D-052 JFW-50D-052 Datasheet
26Kb / 1P
   DETECTOR
75D-009 JFW-75D-009 Datasheet
26Kb / 1P
   DETECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com