Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM29C16 Datasheet(PDF) 6 Page - Texas Instruments

Part # TCM29C16
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C16 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCM29C16 Datasheet HTML 2Page - Texas Instruments TCM29C16 Datasheet HTML 3Page - Texas Instruments TCM29C16 Datasheet HTML 4Page - Texas Instruments TCM29C16 Datasheet HTML 5Page - Texas Instruments TCM29C16 Datasheet HTML 6Page - Texas Instruments TCM29C16 Datasheet HTML 7Page - Texas Instruments TCM29C16 Datasheet HTML 8Page - Texas Instruments TCM29C16 Datasheet HTML 9Page - Texas Instruments TCM29C16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
supply current, fDCLK = 2.048 MHz, outputs not loaded
PARAMETER
TEST CONDITIONS
TCM29Cxx
TCM129Cxx
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Sl
t
Operating
7
9
8
13
ICC
Supply current
from VCC
Standby
FSX, FSR = VIL after 300 ms
0.5
1
0.7
1.5
mA
CC
from VCC
Power down
PDN = VIL after 10 µs
0.3
0.8
0.4
1
Sl
t
Operating
–7
–9
–8
–13
IBB
Supply current
from VBB
Standby
FSX, FSR = VIL after 300 ms
– 0.5
–1
– 0.7
– 1.5
mA
BB
from VBB
Power down
PDN = VIL after 10 µs
– 0.3
– 0.8
– 0.4
–1
Operating
70
90
80
130
PD
Power dissipation
Standby
FSX, FSR = VIL after 300 ms
5
10
7
15
mW
Power down
PDN = VIL after 10 µs
3
8
4
10
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
digital interface
PARAMETER
TEST CONDITIONS
TCM29Cxx
TCM129Cxx
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
PCM OUT
IOH = – 9.6 mA
2.4
2.4
V
VOH
High-level output voltage
SIGR
IOH = – 1.2 mA
2.4
2.4
V
VOL
Low-level output voltage at PCM OUT,
TSX, SIGR
IOL = 3.2 mA
0.4
0.5
V
IIH
High-level input current, any digital input
VI = 2.2 V to VCC
10
12
µA
IIL
Low-level input current, any digital input
VI = 0 to 0.8 V
10
12
µA
Ci
Input capacitance
5
10
5
10
pF
Co
Output capacitance
5
5
pF
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
transmit amplifier input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input current at ANLG IN +, ANLG IN –
±100
nA
Input offset voltage at ANLG IN +, ANLG IN –
VI = – 2.17 V to 2.17 V
±25
mV
Common-mode rejection at ANLG IN +, ANLG IN –
55
dB
Open-loop voltage amplification at GSX
5000
Open-loop unity-gain bandwidth at GSX
1
MHz
Input current at ANLG IN +, ANLG IN –
10
M
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
receive filter output
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output offset voltage PWRO+, PWRO – (single ended)
Relative to ANLG GND
80
180
mV
Output resistance at PWRO+, PWRO –
1
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.


Similar Part No. - TCM29C16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C16 TI1-TCM29C16 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16A TI-TCM29C16A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16ADW TI-TCM29C16ADW Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16ADWR TI-TCM29C16ADWR Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16AN TI-TCM29C16AN Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com