Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64320-1319 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 64320-1319
Description  CMC Hybrid Connectors Standard and Power Versions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

64320-1319 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  64320-1319 Datasheet HTML 1Page - Molex Electronics Ltd. 64320-1319 Datasheet HTML 2Page - Molex Electronics Ltd. 64320-1319 Datasheet HTML 3Page - Molex Electronics Ltd. 64320-1319 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES AND SPECIFICATIONS
Standard and Power Connector Features and Benefits
Color coding provides easy visual installation
Mechanical polarization avoid mis-mating
Audible click during locking secures locking with
the header
Tie wrap as additional fixing feature provides
added security of the wire output
Multiple terminal sizes available support low,
medium and high-current data requirements
Various backplate configurations and plug seals
offer flexibility and high reliability when cavities
are not used
Molex High Performing Sealing Function Features
and Benefits Wire Side
Matte seal technology used for CP 0.635mm
(.025”) and 1.50mm (.059”) terminals provide
high-performing sealing due to seal cavity design
Single wire-seal technology used for CP 2.80mm
(.110”) terminals provide secure and reliable
sealing for 2.80mm (.110”) CP terminals
Multiple choices of backplate configurations allow
customer to reduce the number of circuits used with
a closed-cavity backplate configuration
Blind plugs for unused circuits secure sealing
system when flexibility is required for unused
cavities with a standard backplate
Molex High Performing Sealing Function Features
and Benefits Mating Side
Perimeter seal secures seal between the connector
and mating header
Features and Benefits
The CMC connector family from Molex is a sealed,
high-density connection system developed for the
transportation industry. It is a cost-effective, modular,
hybrid system that fits with various headers.
Standard version CMC hybrid connectors hold two
different terminal sizes, 0.635mm (.025”) and
1.50mm (.059”). The 1.50mm (.059”) terminals are
rated up to 24.0A for operating temperatures between
-40 and +100°C. Power version CMC hybrid connectors
hold three different terminal sizes, 0.635mm (.025”),
1.50mm (.059”) and 2.80mm (.110”), with the
largest rated up to 40.0A at operating temperatures
between -40 and +125°C. The CMC modular system
offers various color codings associated with mechanical
keying for easy mating with the header.
CMC Connectors – sealed, high-density, modular and cost-effective connection system
for heavy-duty applications
CMC Hybrid Connectors
Standard and Power Versions
Standard Receptacles
64319 32-Circuit Receptacle
and Wire Cap
64320 48-Circuit Receptacle
and Wire Cap
64325 Plug
Power Receptacles
64318 28-Circuit Receptacle
64320 28-Circuit Wire Cap
64321 53-Circuit Receptacle
and Wire Cap
64325 Plug
With an audible click, the integrated locking lever locks
the connector to the header.
A wire cap guides the wires away from the connector
either to the right or to the left. Robust CP terminals
are specially designed to perform in high-conductivity
applications and in harsh environments. The
CMC connection system can be used for various
transportation vehicles, such as cars, trucks, busses,
agricultural equipment, motorcycles and marine
equipment. CMC is used in various power-train
applications such as engine-control units, compartment
applications, gear boxes, electronic-park breaks and
suspension controllers. For more inforamtion on CMC
products, visit:www.molex.com/product/cmc.html.
32- and 48-Circuit CMC Connector Harness


Similar Part No. - 64320-1319

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64320-1319 MOLEX11-64320-1319 Datasheet
61Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 48 Circuits, Left Wire Output, Brown Coding, Mat
More results

Similar Description - 64320-1319

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR6 CK-COMPONENTS-KMR6 Datasheet
251Kb / 2P
   Standard and long life versions
logo
Molex Electronics Ltd.
36638-0001 MOLEX-36638-0001 Datasheet
126Kb / 2P
   CMC Hybrid PCB Header
logo
ITT Industries
BFH ITT-BFH Datasheet
67Kb / 1P
   Hermetically sealed versions of the BFR and TBF receptacle connectors.
logo
Ohmite Mfg. Co.
SHUNT-S OHMITE-SHUNT-S Datasheet
502Kb / 2P
   60mv and 75mv versions
logo
Delta Electronics, Inc.
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
S48SP DELTA-S48SP Datasheet
448Kb / 14P
   SMD and Through-hole versions
logo
ZF Friedrichshafen AG
CRE22F2BBALE ZFSWITCHES-CRE22F2BBALE Datasheet
246Kb / 2P
   Lighted and non-lighted versions
logo
Gamma Microelectronics ...
GM6615X GAMMA-GM6615X Datasheet
718Kb / 17P
   Fixed and Adjustable Voltage Versions
logo
XP Power Limited
DLE XPPOWER-DLE Datasheet
201Kb / 2P
   Constant Voltage AND Current Versions
logo
Delta Electronics, Inc.
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com