Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM1050P Datasheet(PDF) 3 Page - Texas Instruments

Part # TCM1050P
Description  DUAL TRANSIENT-VOLTAGE SUPPRESSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM1050P Datasheet(HTML) 3 Page - Texas Instruments

  TCM1050P Datasheet HTML 1Page - Texas Instruments TCM1050P Datasheet HTML 2Page - Texas Instruments TCM1050P Datasheet HTML 3Page - Texas Instruments TCM1050P Datasheet HTML 4Page - Texas Instruments TCM1050P Datasheet HTML 5Page - Texas Instruments TCM1050P Datasheet HTML 6Page - Texas Instruments TCM1050P Datasheet HTML 7Page - Texas Instruments TCM1050P Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TCM1030, TCM1050
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
SCTS040B – JUNE 1989 – REVISED JUNE 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TCM1030
TCM1050
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
IFM = 1-A transient
1.2
2
1.2
2
VCF
Forward clamping voltage
(diode forward voltage) (see
IFM = 10-A transient
2.5
4
2
4
V
VCF
(diode forward voltage) (see
Note 3)
IFM = 16-A transient
4
5
2.5
5
V
Note 3)
IFM = 30-A transient
3.1
5
ITM = 1-A transient
–1.2
–2
–1.2
–2
VC(R)
Reverse clamping voltage
(SCR on state voltage) (see
ITM = 10-A transient
– 2.5
–4
– 2.5
–4
V
VC(R)
(SCR on-state voltage) (see
Note 3)
ITM = 16-A transient
–4
–5
–3
–5
V
Note 3)
ITM = 30-A transient
– 4.8
–7
II(trip)
Trip current (see Note 4)
VS = – 50 V
– 100
– 325
– 100
– 325
mA
IH
Holding current
VS = – 50 V
– 100
– 150
mA
VS = – 50 V,
I = trip current
–50
–55
–50
–55
VI(trip)
Trip voltage
VS = – 65 V,
I = trip current
–65
–70
–65
–70
V
()
VS = – 85 V,
I = trip current
–85
–90
II(stby)
Standby current
TIP and RING at – 85 V or GND,
VS = – 85 V
±5
±5
µA
Transient overshoot voltage
VS = – 50 V,
tr = 10 ns
2.5
2.5
V
C ff
Off-state (high impedance)
TIP and RING at – 50 V
25
25
pF
Coff
(g
)
capacitance
TIP and RING at GND
50
50
pF
dv/dt
Critical rate of rise of off-state
voltage (see Note 5)
VS open,
VS = – 50 V
–1
–1
kV/
µs
† All typical values are at TA = 25°C.
NOTES:
3. The current flows through one TIP (or RING) terminal and one of the GND terminals. The voltage is measured between the other
TIP (or RING) terminal and the other GND terminal. Measurement time
≤ 1 ms.
4. The negative value of trip current refers to the current flowing out of TIP or RING on the line side that is sufficient in magnitude to
trigger the SCRs. Measurement time
≤ 1 ns.
5. The critical dv/dt is measured using a linear rate of rise with the maximum voltage limited to – 50 V with VS connected to TIP or RING
being measured.


Similar Part No. - TCM1050P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1050 TI1-TCM1050 Datasheet
118Kb / 9P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050 TI1-TCM1050 Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050 TI1-TCM1050 Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DR TI1-TCM1050DR Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DW TI1-TCM1050DW Datasheet
118Kb / 9P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
More results

Similar Description - TCM1050P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1030 TI1-TCM1030_14 Datasheet
118Kb / 9P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030_1998 TI1-TCM1030_1998 Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DR TI1-TCM1050DR Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030_99 Datasheet
78Kb / 6P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
logo
Power Innovations Ltd
TISP1072F3 POINN-TISP1072F3 Datasheet
483Kb / 17P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP1082 POINN-TISP1082 Datasheet
248Kb / 11P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com