Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM29C23 Datasheet(PDF) 7 Page - Texas Instruments

Part # TCM29C23
Description  VARIABLE-FREQUENCY PCM OR DSP INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C23 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCM29C23 Datasheet HTML 3Page - Texas Instruments TCM29C23 Datasheet HTML 4Page - Texas Instruments TCM29C23 Datasheet HTML 5Page - Texas Instruments TCM29C23 Datasheet HTML 6Page - Texas Instruments TCM29C23 Datasheet HTML 7Page - Texas Instruments TCM29C23 Datasheet HTML 8Page - Texas Instruments TCM29C23 Datasheet HTML 9Page - Texas Instruments TCM29C23 Datasheet HTML 10Page - Texas Instruments TCM29C23 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TCM29C23, TCM129C23
VARIABLE-FREQUENCY PCM OR DSP INTERFACE
SCTS029A – AUGUST 1989 –REVISED JULY 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
power-supply rejection and crosstalk attenuation over recommended ranges of supply voltage
and operating free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC supply-voltage rejection ratio,
0
≤ f < 30 kHz
Idle channel,
Supply signal
200 mV peak to peak
–30
dB
CC
yg
j
,
transmit channel
30
≤ f < 50 kHz
Supply signal = 200 mV peak to peak,
f measured at PCM OUT
–45
dB
VBB supply-voltage rejection ratio,
0
≤ f < 30 kHz
Idle channel,
Supply signal
200 mV peak to peak
–30
dB
BB
yg
j
,
transmit channel
30
≤ f < 50 kHz
Supply signal = 200 mV peak to peak,
f measured at PCM OUT
–55
dB
VCC supply-voltage rejection ratio, receive
0
≤ f < 30 kHz
Idle channel,
Supply signal
200 mV peak to peak
–20
dB
CC
yg
j
,
channel (single ended)
30
≤ f < 50 kHz
Supply signal = 200 mV peak to peak,
f measured at PWRO +
–45
dB
VBB supply-voltage rejection ratio, receive
0
≤ f < 30 kHz
Idle channel,
Supply signal
200 mV peak to peak
–20
dB
BB
yg
j
,
channel (single ended)
30
≤ f < 50 kHz
Supply signal = 200 mV peak to peak,
Narrow-band,
f measured at PWRO +
–45
dB
Crosstalk attenuation, transmit to receive (single ended)
ANLG IN+ = 0 dBm0,
f = 1.02 kHz,
Unity gain,
PCM IN = lowest decode level,
Measured at PWRO +
68
dB
Crosstalk attenuation, receive to transmit (single ended)
PCM IN = 0 dBm0,
f = 1.02 kHz,
Measured at PCM OUT
68
dB
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
distortion over recommended ranges of supply voltage and operating free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
T
it i
l t di t ti
ti
i
id l i
t
0
≥ ANLG IN+ ≥ –30 dBm0
33
Transmit signal-to-distortion ratio, sinusoidal input
(CCITT G 712 – Method 2)
– 30 > ANLG IN+
≥ –40 dBm0
28
dB
(CCITT G.712 – Method 2)
– 40 > ANLG IN+
≥ –45 dBm0
23
R
i
i
l t di t ti
ti
i
id l i
t
0
≥ ANLG IN+ ≥ –30 dBm0
33
Receive signal-to-distortion ratio, sinusoidal input
(CCITT G 712 – Method 2)
– 30 > ANLG IN+
≥ –40 dBm0
28
dB
(CCITT G.712 – Method 2)
– 40 > ANLG IN+
≥ –45 dBm0
23
Transmit single-frequency distortion products
AT&T Advisory #64 (3.8),
Input signal = 0 dBm0
–40
dBm0
Receive single-frequency distortion products
AT&T Advisory #64 (3.8),
Input signal = 0 dBm0
–46
dBm0
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
transmit filter transfer over recommended ranges of supply voltage and operating free-air
temperature, fDCLK = 4.096 MHz, FSX/FSR = 16 kHz (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
50 Hz
–10
0
200 Hz
–1
0.5
Input amplifier set for unity gain,
300 Hz to 6 kHz
– 0.5
0.5
Gain relative to gain at 1.02 kHz
In ut am lifier set for unity gain,
Noninverting maximum gain output,
6.5 kHz
–4
0.3
dB
Input signal at ANLG IN + is 0 dBm0
6.8 kHz
–6
0
8 kHz
–12
9 kHz and above
–30


Similar Part No. - TCM29C23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C23 TI1-TCM29C23 Datasheet
276Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
TCM29C23DWR TI1-TCM29C23DWR Datasheet
276Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
TCM29C23 TI1-TCM29C23_12 Datasheet
276Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
More results

Similar Description - TCM29C23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C23 TI1-TCM29C23_12 Datasheet
276Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Texas Instruments
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
[Old version datasheet]   ANALOG INTERFACE FOR DSP
logo
Exar Corporation
XRT56L85 EXAR-XRT56L85 Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XR-T56L85 EXAR-XR-T56L85 Datasheet
105Kb / 12P
   Low Power PCM Line Interface
logo
CML Microcircuits
CMX7163 CMLMICRO-CMX7163 Datasheet
4Mb / 81P
   No DSP or Codecs required
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com