Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75548-6048 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75548-6048
Description  EXTreme Power-Mass??High-Current Connector Board-to-Board Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75548-6048 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75548-6048 Datasheet HTML 1Page - Molex Electronics Ltd. 75548-6048 Datasheet HTML 2Page - Molex Electronics Ltd. 75548-6048 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
eXtreme power-Mass™
High-current connector
Board-to-Board applications
75555, 75556, 75561, 46081,
75568 right-angle plug assembly
75541, 75542, 75545, 46079,
75548 Vertical receptacle assembly
45840 right-angle receptacle
speciFications
Reference Information
Packaging: Tray
UL File No.: E29179
CSA File No.: LR19980
TUV File No.: Pending
Designed In: Millimeters
Electrical
Voltage:
Signal Module: 250V
150.0A Module: 600V
Multi-Path:
80.0A Module: 450V
40.0A Module: 600V
Current (@ 30° C Temperature rise):
Signal Module: 3.0A per circuit (24 to 64 circuits)
150.0A Module: 150.0A
Multi-Path: 40.0A per circuit (4 circuits)
80.0A Module: 40.0A per circuit (2 circuits)
40.0A Module: 40.0A
Contact Resistance (milliohms per blade):
Initial Delta
End of
Life
Signal Module –
10.0
10.0
20.0
Multi-Path –
0.55
0.75
1.30
150.0A Module – 0.16
0.25
0.41
80.0A Module –
0.55
0.75
1.30
40.0A Module –
0.55
0.75
1.30
Dielectric Withstanding Voltage: No breakdown
Insulation Resistance: 5000 Megohms min.
Mechanical
Mating Force:
Signal Module: 120g (.264 lb) per pin
150.0A Module: 2600g (5.732 lb)
Multi-Path: 2920g (6.437 lb)
80.0A Module: 1460g (3.218 lb)
40.0A Module: 730g (1.609 lb)
Un-mating Force :
Signal Module: 65g (.143 lb)
150.0A Module: 1720g (3.791 lb)
Multi-Path: 1600g (3.527 lb)
80.0A Module: 800g (1.763 lb)
40.0A Module: 400g (.881 lb)
Contact Retention: 225g (.496 lb)
Durability: 50 cycles
Physical
Housing: LCP
Contact: Copper (Cu) Alloy
Plating:
Contact Area – 30µ” Gold (Au) min.
Solder Tail Area – 150µ” Tin (Sn) min.
Underplating – 50µ” Nickel (Ni) min.
Operating Temperature: -40 to +105°C
Flammability Rating: 94V-0
ordering inForMation
order no.
component
orientation
Mounting style
comments
75555-2001
Plug
Right Angle
Solder Tail
For sales drawing
reference only
75555-XXXX
75541-2001
Receptacle
Vertical
Press-Fit
75541-XXXX
45840-2001
Right Angle
Solder Tail
45840-XXXX
Connector Assembly
Note: Connector assemblies are customer specific. Please contact Molex’s inside sales department for details.


Similar Part No. - 75548-6048

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
75542P FAIRCHILD-75542P Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
List of Unclassifed Man...
75543-001 ETC1-75543-001 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
75543-002 ETC1-75543-002 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
75543-003 ETC1-75543-003 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
75543-004 ETC1-75543-004 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
More results

Similar Description - 75548-6048

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46436 MOLEX-46436 Datasheet
1Mb / 3P
   EXTreme Ten60Power??High-Current Connector Board-to-Board
75555 MOLEX-75555 Datasheet
1Mb / 3P
   EXTreme PowerMass??High-Current Assembly Board-to-Board
75730 MOLEX-75730 Datasheet
1Mb / 2P
   EXTreme MicroPower??4.00mm (0.157?? Pitch Board-to-Board Connector
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
   BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
   Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
   Board to Board Connector
5047 KSS-5047 Datasheet
325Kb / 2P
   Board to Board Connector
5689 KSS-5689 Datasheet
525Kb / 2P
   Board to Board Connector
5802 KSS-5802 Datasheet
380Kb / 2P
   Board to Board Connector
5843 KSS-5843 Datasheet
612Kb / 3P
   Board to Board Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com