Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM129C13 Datasheet(PDF) 7 Page - Texas Instruments

Part # TCM129C13
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM129C13 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCM129C13 Datasheet HTML 3Page - Texas Instruments TCM129C13 Datasheet HTML 4Page - Texas Instruments TCM129C13 Datasheet HTML 5Page - Texas Instruments TCM129C13 Datasheet HTML 6Page - Texas Instruments TCM129C13 Datasheet HTML 7Page - Texas Instruments TCM129C13 Datasheet HTML 8Page - Texas Instruments TCM129C13 Datasheet HTML 9Page - Texas Instruments TCM129C13 Datasheet HTML 10Page - Texas Instruments TCM129C13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
gain and dynamic range, VCC = 5 V, VBB = 5 V, TA = 25°C (unless otherwise noted)
(see Notes 4, 5, and 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Encoder milliwatt response (transmit gain tolerance)
Signal input = 1.064 Vrms for
µ-law,
±004 ±002
dBm0
Encoder milliwatt response (transmit gain tolerance)
g
µ
,
Signal input = 1.068 Vrms for A-law
±0.04 ±0.02
dBm0
Encoder milliwatt response additional tolerance
(nominal supplies and temperature)
TA = 0°C to 70°C, Supplies = ± 5%
± 0.08
dB
Digital milliwatt response (receive tolerance gain)
relative to zero-transmission-level point
Signal input per CCITT G.711,
Output signal = 1 kHz
±0.04 ±0.02
dBm0
Digital milliwatt response variation with temperature
and supplies
TA = 0°C to 70°C, Supplies = ± 5%
± 0.08
dB
µ-law
RL = 600 Ω
2.76
Zero-transmission-level point, transmit channel
A-law
RL = 600 Ω
2.79
dBm
,
(0 dBm0)
µ-law
RL = 900 Ω
1
dBm
A-law
RL = 900 Ω
1.03
µ-law
RL = 600 Ω
5.76
Zero-transmission-level point, receive channel
A-law
RL = 600 Ω
5.79
dBm
(0 dBm0)
µ-law
RL = 900 Ω
4
dBm
A-law
RL = 900 Ω
4.03
NOTES: 4. Unless otherwise noted, the analog input is a 0-dBm0, 1020-Hz sine wave, where 0 dBm0 is defined as the zero-reference point of
the channel under test. This corresponds to an analog signal input of 1.064 Vrms or an output of 1.503 Vrms.
5. The input amplifier is set for noninverting unity gain. The digital input is a PCM bit stream generated by passing a 0-dBm0, 1020-Hz
sine wave through an ideal encoder.
6. Receive output is measured single ended in the maximum gain configuration. To set the output amplifier for maximum gain, GSR is
connected to PWRO – and the output is taken at PWRO+. All output levels are (sin x)/x corrected.
gain tracking over recommended ranges of supply voltage and operating free-air temperature,
reference level = –10 dBm0
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
3
≥ input level ≥ –40 dBm0
±0.25
Transmit gain-tracking error, sinusoidal input
– 40 > input level
≥ –50 dBm0
±0.5
dB
– 50 > input level
≥ –55 dBm0
±1.2
3
≥ input level ≥ –40 dBm0
±0.25
Receive gain-tracking error, sinusoidal input
– 40 > input level
≥ –50 dBm0
±0.5
dB
– 50 > input level
≥ –55 dBm0
±1.2


Similar Part No. - TCM129C13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM129C13 TI1-TCM129C13 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C13A TI-TCM129C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C13ADW TI-TCM129C13ADW Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C13ADWR TI-TCM129C13ADWR Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C13AN TI-TCM129C13AN Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM129C13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com