Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM129C23DW Datasheet(PDF) 9 Page - Texas Instruments

Part # TCM129C23DW
Description  VARIABLE-FREQUENCY PCM OR DSP INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM129C23DW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCM129C23DW Datasheet HTML 5Page - Texas Instruments TCM129C23DW Datasheet HTML 6Page - Texas Instruments TCM129C23DW Datasheet HTML 7Page - Texas Instruments TCM129C23DW Datasheet HTML 8Page - Texas Instruments TCM129C23DW Datasheet HTML 9Page - Texas Instruments TCM129C23DW Datasheet HTML 10Page - Texas Instruments TCM129C23DW Datasheet HTML 11Page - Texas Instruments TCM129C23DW Datasheet HTML 12Page - Texas Instruments TCM129C23DW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TCM29C23, TCM129C23
VARIABLE-FREQUENCY PCM OR DSP INTERFACE
SCTS029A – AUGUST 1989 –REVISED JULY 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receive timing requirements over recommended ranges of supply voltages and operating free-air
temperature, variable-data-rate mode (see Figure 6)
PARAMETER
MIN
MAX
UNIT
td(TSDR)
Time-slot delay time from DCLKR
60
td(DCLKR)–140
ns
td(FSR)
Frame-sync delay time
60
tc(CLK)–60
ns
tsu(PCM IN)
Setup time before bit 7 falling edge
10
ns
th(PCM IN)
Hold time after bit 8 falling edge
60
ns
tc(DCLKR)
Data clock frequency
244
15620
ns
tSER
Time-slot end receive time
0
ns
switching characteristics
propagation delay times over recommended ranges of operating conditions, fixed-data-rate mode (see
Figure 3)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd1
From rising edge of transmit clock to bit 1 data valid at PCM OUT
(data enable time on time-slot entry) (see Note 8)
CL = 0 to 100 pF
0
90
ns
tpd2
From rising edge of transmit clock bit n to bit data valid at PCM OUT
(data valid time)
CL = 0 to 100 pF
0
90
ns
tpd3
From falling edge of transmit clock bit 8 to bit 8 Hi-Z at PCM OUT
(data float time on time-slot exit) (see Note 8)
CL = 0
60
215
ns
tpd4
From rising edge of transmit clock bit 1 to TSX active (low)
(time slot enable time)
CL = 0 to 100 pF
0
90
ns
tpd5
From falling edge of transmit clock bit 8 to TSX inactive (high)
(time-slot disable time) (see Note 8)
CL = 0
60
190
ns
NOTE 8: Timing parameters tpd1, tpd3, and tpd5 are referenced to the high-impedance state.
propagation delay times over recommended ranges of operating conditions, variable-data-rate
mode (see Note 9 and Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd7
Data delay time from DCLKX
0
90
ns
tpd8
Data delay from time-slot enable to PCM OUT
CL = 0 to 100 pF
0
50
ns
tpd9
Data delay from time-slot disable to PCM OUT
0
80
ns
tpd10
Data delay time from FSX
td(TSDX) = 80 ns
0
90
ns
NOTE 9: Timing parameters tpd8 and tpd9 are referenced to the high-impedance state.


Similar Part No. - TCM129C23DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM129C23DWR TI1-TCM129C23DWR Datasheet
276Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
More results

Similar Description - TCM129C23DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C23 TI1-TCM29C23_12 Datasheet
276Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Texas Instruments
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
[Old version datasheet]   ANALOG INTERFACE FOR DSP
logo
Exar Corporation
XRT56L85 EXAR-XRT56L85 Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XR-T56L85 EXAR-XR-T56L85 Datasheet
105Kb / 12P
   Low Power PCM Line Interface
logo
CML Microcircuits
CMX7163 CMLMICRO-CMX7163 Datasheet
4Mb / 81P
   No DSP or Codecs required
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com