Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM320AC54 Datasheet(PDF) 10 Page - Texas Instruments

Part # TCM320AC54
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC54 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCM320AC54 Datasheet HTML 6Page - Texas Instruments TCM320AC54 Datasheet HTML 7Page - Texas Instruments TCM320AC54 Datasheet HTML 8Page - Texas Instruments TCM320AC54 Datasheet HTML 9Page - Texas Instruments TCM320AC54 Datasheet HTML 10Page - Texas Instruments TCM320AC54 Datasheet HTML 11Page - Texas Instruments TCM320AC54 Datasheet HTML 12Page - Texas Instruments TCM320AC54 Datasheet HTML 13Page - Texas Instruments TCM320AC54 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TCM320AC54
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS043A – NOVEMBER 1994 – REVISED JULY 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1
8
7
6
5
4
3
2
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
th2
th4
tsu4
th3
th3
tsu3
8
7
6
5
4
3
2
1
BCLKR
FSR
DR
FSX
DX
td3
td1
th4
tsu4
th2
BCLKX
MCLKX
MCLKR
tw1
tsu1
fclock(M)
tw2
tf1
tr1
td3
td2
TSX
20%
80%
80%
80%
20%
20%
80%
80%
20%
80%
80%
20%
80%
20%
80%
20%
20%
20%
80%
20%
80%
80%
Figure 1. Short-Frame Sync Timing


Similar Part No. - TCM320AC54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC56 TI1-TCM320AC56 Datasheet
332Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAP田?
TCM320AC56CDW TI1-TCM320AC56CDW Datasheet
332Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAP田?
TCM320AC57 TI1-TCM320AC57 Datasheet
332Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAP田?
TCM320AC57CDW TI1-TCM320AC57CDW Datasheet
332Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAP田?
More results

Similar Description - TCM320AC54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com