Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM129C17 Datasheet(PDF) 1 Page - Texas Instruments

Part # TCM129C17
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM129C17 Datasheet(HTML) 1 Page - Texas Instruments

  TCM129C17 Datasheet HTML 1Page - Texas Instruments TCM129C17 Datasheet HTML 2Page - Texas Instruments TCM129C17 Datasheet HTML 3Page - Texas Instruments TCM129C17 Datasheet HTML 4Page - Texas Instruments TCM129C17 Datasheet HTML 5Page - Texas Instruments TCM129C17 Datasheet HTML 6Page - Texas Instruments TCM129C17 Datasheet HTML 7Page - Texas Instruments TCM129C17 Datasheet HTML 8Page - Texas Instruments TCM129C17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Replaces Use of TCM2910A in Tandem With
TCM2912C
D Reliable Silicon-Gate CMOS Technology
D Low Power Consumption:
Operating Mode...80 mW Typical
Power-Down Mode...5 mW Typical
D Excellent Power-Supply Rejection Ratio
Over Frequency Range of 0 Hz to 50 kHz
D No External Components Needed for
Sample, Hold, and Autozero Functions
D Precision Internal Voltage References
D Direct Replacement for Intel 2913, 2914,
2916, and 2917
D Recommended for Direct Voice
Applications
description
The
TCM29C13,
TCM29C14,
TCM29C16,
TCM29C17, TCM129C13, TCM129C14, TCM129C16, and TCM129C17 are single-chip PCM codecs
(pulse-code-modulated encoders and decoders) and PCM line filters. They provide all the functions required
to interface a full-duplex (4-wire) voice telephone circuit with a TDM (time-division-multiplexed) system, and are
intended to replace the TCM2910A in tandem with the TCM2912C. Primary applications include:
Line interface for digital transmission and switching of T1 carrier, PABX, and central office telephone
systems
Subscriber line concentrators
Digital-encryption systems
Digital voice-band data-storage systems
Digital signal processing
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VBB
PWRO +
PWRO –
PDN
DCLKR
PCM IN
FSR/TSRE
DGTL GND
VCC
GSX
ANLG IN –
ANLG GND
TSX/DCLKX
PCM OUT
FSX/TSXE
CLKR/CLKX
TCM29C16, TCM29C17,
TCM129C16, TLC129C17
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VBB
PWRO +
PWRO –
GSR
PDN
CLKSEL
DCLKR
PCM IN
FSR/TSRE
DGTL GND
VCC
GSX
ANLG IN –
ANLG IN +
ANLG GND
SIGX/ASEL
TSX/DCLKX
PCM OUT
FSX/TSXE
CLKR/CLKX
TCM29C13, TCM129C13
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VBB
PWRO +
PWRO –
GSR
PDN
CLKSEL
ANLG LOOP
SIGR
DCLKR
PCM IN
FSR/TSRE
DGTL GND
VCC
GSX
ANLG IN –
ANLG IN +
ANLG GND
NC
SIGX/ASEL
TSX/DCLKX
PCM OUT
FSX/TSXE
CLKX
CLKR
TCM29C14, TCM129C14
DW PACKAGE
(TOP VIEW)
NC – No internal connection
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Number of Pins:
24
X
20
X
16
X
X
µ-Law/A-Law Coding:
µ-Law
X
X
X
A-Law
X
X
X
Gain Timing Rates:
Variable Mode
64 kHz to 2.048 MHz
X
X
X
X
Fixed Mode
1.536 MHz
X
X
1.544 MHz
X
X
2.048 MHz
X
X
X
X
Loopback Test Capability
X
8th-Bit Signaling
X
FEATURES TABLE
FEATURE
29C13
129C13
29C14
129C14
29C16
129C16
29C17
129C17


Similar Part No. - TCM129C17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM129C17 TI1-TCM129C17 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C17A TI-TCM129C17A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C17ADW TI-TCM129C17ADW Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C17AN TI-TCM129C17AN Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM129C17

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com