Electronic Components Datasheet Search |
|
TCM320AC37DW Datasheet(PDF) 1 Page - Texas Instruments |
|
TCM320AC37DW Datasheet(HTML) 1 Page - Texas Instruments |
1 / 23 page TCM320AC36, TCM320AC37 VOICE-BAND AUDIO PROCESSORS (VBAP ™) SLWS003C – MAY 1992 – REVISED APRIL – 1998 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Single 5-V Operation D Low Power Consumption: – Operating Mode...40 mW Typ – Standby Mode... 5 mW Typ – Power-Down Mode...3 mW Typ D Combined A/D, D/A, and Filters D Extended Variable-Frequency Operation – Sample Rates up to 16 kHz – Pass-Band up to 7.2 kHz D Electret Microphone Bias Reference Voltage Available D Drive a Piezo Speaker Directly D Compatible With All Digital Signal Processors (DSPs) D Selectable Between 8-Bit Companded and 13-Bit (Dynamic Range) Linear Conversion: – TCM320AC36 . . . µ-Law and Linear Modes – TCM320AC37... A-Law and Linear Modes D Programmable Volume Control in Linear Mode D 300 Hz – 3.6 kHz Passband with Specified Master Clock D Designed for Standard 2.048-MHz Master Clock for U.S. Analog, U.S. Digital, CT2, DECT, GSM, and PCS Standards for Hand-Held Battery-Powered Telephones 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 PDN EARA EARB EARGS VCC MICMUTE DCLKR DIN FSR EARMUTE MICBIAS MICGS MICIN VMID GND LINSEL TSX/DCLKX DOUT FSX CLK DW OR N PACKAGE (TOP VIEW) 14 15 VMID NC AGND NC NC NC NC NC NC DGND LINSEL NC 36 35 34 33 32 31 30 29 28 27 26 25 16 1 2 3 4 5 6 7 8 9 10 11 12 NC NC NC AVCC NC NC NC NC DVCC NC MICMUTE NC 17 18 19 20 PT PACKAGE (TOP VIEW) 47 46 45 44 43 48 42 40 39 38 41 21 22 23 24 37 13 NC – No internal connection These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. VBAP is a trademark of Texas Instruments Incorporated. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 1998, Texas Instruments Incorporated |
Similar Part No. - TCM320AC37DW |
|
Similar Description - TCM320AC37DW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |