Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM37C14ADW Datasheet(PDF) 1 Page - Texas Instruments

Part # TCM37C14ADW
Description  PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM37C14ADW Datasheet(HTML) 1 Page - Texas Instruments

  TCM37C14ADW Datasheet HTML 1Page - Texas Instruments TCM37C14ADW Datasheet HTML 2Page - Texas Instruments TCM37C14ADW Datasheet HTML 3Page - Texas Instruments TCM37C14ADW Datasheet HTML 4Page - Texas Instruments TCM37C14ADW Datasheet HTML 5Page - Texas Instruments TCM37C14ADW Datasheet HTML 6Page - Texas Instruments TCM37C14ADW Datasheet HTML 7Page - Texas Instruments TCM37C14ADW Datasheet HTML 8Page - Texas Instruments TCM37C14ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TCM37C14A, TCM37C15A
PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
SLWS018B – JUNE 1996 – REVISED MAY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meet CCITT/(D3/D4) Channel Bank
Recommendations for Input Signals
Greater than – 55 dBm0
D Programmable Transmit and Receive Gain
Control With Pin-Selectable
Gain/Attenuation Levels
D Includes Differential Output on the
TCM37C14A
D Precision Switched-Capacitor Filters and
Converters
D Improved Version TCM29C13A Series
COMBOs (CODEC and Filters)
D Low Power CMOS
– Operating Mode...70 mW Typical
– Power-Down Mode...7 mW Typical
D Internal Sample-and-Hold and Autozero
Functions
D Precision Internal Voltage References
D TCM37C14A Features Pin-Selectable µ-Law
or A-Law Companding and Pin-Selectable
Master Clock Rate (1.536 MHz, 1.544 MHz,
and 2.048 MHz Available)
D TCM37C15A is 2.048 MHz A-Law Only
description
The TCM37C14A and TCM37C15A PCM combo with programmable gain control devices are single-chip PCM
combos (pulse-code-modulated CODECs with voice-band filtering). They are designed to perform transmit
encoding (A/D conversion) and receive decoding (D/A conversion), as well as the transmit and receive filtering
functions required to meet CCITT/(D3/D4) G.711 and G.714 specifications in a PCM system. Each device
provides all the functions required to interface a full-duplex, 4-line voice telephone circuit with a TDM
(time-division-multiplexed) system, and also perform the encoding and decoding of call progress tones. The
TCM37C14A and TCM37C15A are based on the proven TI TCM29C13A core, and have the added feature of
programmable transmit and receive gain.
Primary applications include line interface for digital transmission and switching of T1/E1 carrier (PABX [private
branch automatic exchange] and central office telephone systems), subscriber line concentrators, digital
encryption systems, and digital signal processing. They are intended to be used at the analog termination of
a PCM line or trunk to the POTS (plain old telephone system) local-loop line.
The TCM37C15A is available in 20-pin DW SOIC (small-outline IC) or 20-pin N PDIP (plastic dual-in-line
package) packages, and the TCM37C14A is available in a 24-pin DW SOIC package and includes differential
output. All are characterized for operation from – 40
°C to 85°C.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VBB
PWRO+
PWRO –
RIN
RS1
RS2
GSR
GS1
GS0
CLKSEL
PCMIN
FSR
VCC
GSX
TS1
TS2
ANLGIN
AGND
TSX
PCMOUT
FSX
ASEL
MCLK
DGND
TCM37C14A ...DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VBB
PWRO+
RIN
RS1
RS2
GSR
GS1
GS0
PCMIN
FSR
VCC
GSX
TS1
TS2
ANLGIN
AGND
PCMOUT
FSX
MCLK
DGND
TCM37C15A ...DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - TCM37C14ADW

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM3-1T MINI-TCM3-1T Datasheet
350Kb / 1P
   RF Transformer
TCM3-1T++ MINI-TCM3-1T+ Datasheet
350Kb / 1P
   RF Transformer
TCM3-1TX MINI-TCM3-1TX Datasheet
369Kb / 2P
   RF Transformer
TCM3-1TX++ MINI-TCM3-1TX+ Datasheet
369Kb / 2P
   RF Transformer
TCM3-452X MINI-TCM3-452X Datasheet
384Kb / 2P
   RF Transformer
More results

Similar Description - TCM37C14ADW

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com