Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDH40-48D-S150027 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDH40-48D-S150027
Description  ON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDH40-48D-S150027 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDH40-48D-S150027 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDH40-48D-S150027 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-34-
INPUT/OUTPUT & VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
INPUT Vdc
VO1 @#
MODEL NO.
Range
Nom.
TYP.
VOLT.
HDH40-24D-S033076
9-36Vdc
24Vdc
7.6A
3.3V
HDH40-24D-S050080
9-36Vdc
24Vdc
8.0A
5.0V
HDH40-24D-S120034
9-36Vdc
24Vdc
3.4A
12.0V
HDH40-24D-S150027
9-36Vdc
24Vdc
2.7A
15.0V
HDH40-24D-S180023
9-36Vdc
24Vdc
2.3A
18.0V
HDH40-48D-S033076 18-72Vdc
48Vdc
7.6A
3.3V
HDH40-48D-S050080 18-72Vdc
48Vdc
8.0A
5.0V
HDH40-48D-S120034 18-72Vdc
48Vdc
3.4A
12.0V
HDH40-48D-S150027 18-72Vdc
48Vdc
2.7A
15.0V
HDH40-48D-S180023 18-72Vdc
48Vdc
2.3A
18.0V
DUAL OUTPUT
INPUT Vdc
MAIN VO1 @
AUX. VO2
MODEL NO.
Range
Nom.
TYP.
VOLT.
TYP.
VOLT.
HDH40-24D-D120I
9-36Vdc
24Vdc
1.67A
+12.0V
1.67A
-12.0V
HDH40-24D-D150K
9-36Vdc
24Vdc
1.35A
+15.0V
1.35A
-15.0V
HDH40-48D-D120I
18-72Vdc
48Vdc
1.67A
+12.0V
1.67A
-12.0V
HDH40-48D-D150K
18-72Vdc
48Vdc
1.35A
+15.0V
1.35A
-15.0V
TRIPLE OUTPUT
INPUT Vdc
MAIN VO1 @
AUX. VO2
AUX. VO3
MODEL NO.
Range
Nom.
TYP.
VOLT.
TYP.
VOLT.
TYP.
VOLT.
HDH40-24D-T050II
9-36Vdc
24Vdc
4.0A
5.0V
0.84A
+12.0V
0.84A
-12.0V
HDH40-24D-T050KK
9-36Vdc
24Vdc
4.0A
5.0V
0.67A
+15.0V
0.67A
-15.0V
HDH40-48D-T050II
18-72Vdc
48Vdc
4.0A
5.0V
0.84A
+12.0V
0.84A
-12.0V
HDH40-48D-T050KK
18-72Vdc
48Vdc
4.0A
5.0V
0.67A
+15.0V
0.67A
-15.0V
Symbols: "★" OVP built-in.
"@" Adjustable.
"#" Remote sensing.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 145.8g (5.13 Oz.)
PIN ASSIGNMENT
PIN NO.
SINGLE
DUAL
TRIPLE
PIN# 1.
REMOTE
ON/OFF
REMOTE
ON/OFF
REMOTE
ON/OFF
PIN# 2.
CASE
CASE
CASE
PIN# 3.
+Vin
+Vin
+Vin
PIN# 4.
-Vin
-Vin
-Vin
PIN# 5.
No Pin
No Pin
No Pin
PIN# 6.
DC COM
N/C
-VO3
PIN# 7.
DC COM
-VO2
+VO2
PIN# 8.
+VO1
DC COM
DC COM
PIN# 9.
+VO1
+VO1
+VO1
PIN# 10.
Trim
Trim
TRIM
DERATING CHART


Similar Part No. - HDH40-48D-S150027

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDH HIROSE-HDH Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
HDH-00803GHD HIROSE-HDH-00803GHD Datasheet
853Kb / 8P
   Couplers with Connectors (H Type)
HDH-00803GHD HIROSE-HDH-00803GHD Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
HDH-00810GID HIROSE-HDH-00810GID Datasheet
853Kb / 8P
   Couplers with Connectors (H Type)
HDH-00820GID HIROSE-HDH-00820GID Datasheet
853Kb / 8P
   Couplers with Connectors (H Type)
More results

Similar Description - HDH40-48D-S150027

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDH80-24B HITRON-HDH80-24B Datasheet
431Kb / 2P
   ON-BOARD DC-DC CONVERTER QUARTER-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 48-110 WATTS SINGLE OUTPUT
HDH165-24B HITRON-HDH165-24B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH100-24B HITRON-HDH100-24B Datasheet
335Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
logo
Powerbox
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
   30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
HITRON ELECTRONICS CORP...
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
logo
Powerbox
PMP55 POWERBOX-PMP55 Datasheet
491Kb / 2P
   40 - 55 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
HITRON ELECTRONICS CORP...
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com