Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM20-D Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HDM20-D
Description  ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM20-D Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HDM20-D Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM20-D Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HDM20-D Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HDM20-D Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image



 


     
      











!"
  
!"
 
!"
   
!"
 

   
  
   ! 
  ! "
 ##$%# &%' 
(# ) #  
* #+ 
 ,-.%/!0
 %1 $"+
     
   
  !"#   
   
 $%&!'()*+,
 !"
-++%./0  1, 
  0/2#-,+##/03 . 
  +
 /% #-
 /0(0#-
      
   !  
"   # #$!$!$ 
%  &'(  )*   + ,$-   &
   
  
4%
5', 
*#"" 6+
6,%7 
5', 
$,8,
9*:
 !" 6+ 
)2;#,
)6+
#$58,#,
 %<<0"2;5#%=>%
0+%+>%"6
0+?@";%A6+=-6BC;*
0+?@"5A 6+=-6BC;//

  
5',
5',
&2;"9D! %
'D! % 
'5D! %
D! %
()< %#66"67
!,%:%: 
*E#%
&+,6;;"9# =% =8
##D!8,,,
#%
!*9=+:)
5+-
 *1=!- 
=+: %



Similar Part No. - HDM20-D

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM20216H-3 HANTRONIX-HDM20216H-3 Datasheet
28Kb / 1P
   20 Character x 2 Lines
HDM20216H-3-S00S HANTRONIX-HDM20216H-3-S00S Datasheet
31Kb / 2P
   20 Character x 2 Lines
HDM20216H-L HANTRONIX-HDM20216H-L Datasheet
31Kb / 1P
   20 Character x 2 Lines, Large Character
HDM20216H-L HANTRONIX-HDM20216H-L_15 Datasheet
51Kb / 1P
   20 Character x 2 Lines, Large Character
HDM20216L HANTRONIX-HDM20216L Datasheet
30Kb / 1P
   20 Character x 2 Lines, LED Backlight
More results

Similar Description - HDM20-D

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
HDM07-S HITRON-HDM07-S Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
HDM15-S HITRON-HDM15-S Datasheet
238Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15WATTS SINGLE & DUAL OUTPUT
HDM08-S HITRON-HDM08-S Datasheet
200Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
HDM09-S HITRON-HDM09-S Datasheet
212Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
HDM16-T HITRON-HDM16-T Datasheet
128Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 16WATTS TRIPLE OUTPUT
HDM30-S HITRON-HDM30-S Datasheet
691Kb / 6P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
HDM11-S HITRON-HDM11-S Datasheet
285Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com