Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM30-48B-S12 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDM30-48B-S12
Description  PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM30-48B-S12 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDM30-48B-S12 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM30-48B-S12 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HDM30-48B-S12 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HDM30-48B-S12 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION HDM30-48B-S12 Datasheet HTML 5Page - HITRON ELECTRONICS CORPORTION HDM30-48B-S12 Datasheet HTML 6Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
-28-
INPUT/OUTPUT & VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO.
INPUT
Vdc
INPUT CURRENT
N. L. (mA) F.L.
OUTPUT
VO1(Vdc)
@★
OUTPUT
VO1(A)
CASE
SIZE
HDM30-12B-S03
9.0- 18.0
30
2300
3.3V
6.40A
DM2A
HDM30-12B-S05
9.0- 18.0
30
2700
5.0V
5.00A
DM2A
HDM30-12B-S09
9.0- 18.0
30
2650
9.0V
2.80A
DM2A
HDM30-12B-S12
9.0- 18.0
30
2750
12.0V
2.20A
DM2A
HDM30-12B-S15
9.0- 18.0
30
2800
15.0V
1.80A
DM2A
HDM30-12B-S24
9.0- 18.0
30
3100
24.0V
1.25A
DM2A
HDM30-24B-S03
18.0- 36.0
20
1150
3.3V
6.40A
DM2A
HDM30-24B-S05
18.0- 36.0
20
1350
5.0V
5.00A
DM2A
HDM30-24B-S09
18.0- 36.0
20
1325
9.0V
2.80A
DM2A
HDM30-24B-S12
18.0- 36.0
20
1375
12.0V
2.20A
DM2A
HDM30-24B-S15
18.0- 36.0
20
1400
15.0V
1.80A
DM2A
HDM30-24B-S24
18.0- 36.0
20
1550
24.0V
1.25A
DM2A
HDM30-48B-S03
36.0- 72.0
15
575
3.3V
6.40A
DM2A
HDM30-48B-S05
36.0- 72.0
15
675
5.0V
5.00A
DM2A
HDM30-48B-S09
36.0- 72.0
15
662
9.0V
2.80A
DM2A
HDM30-48B-S12
36.0- 72.0
15
687
12.0V
2.20A
DM2A
HDM30-48B-S15
36.0- 72.0
15
700
15.0V
1.80A
DM2A
HDM30-48B-S24
36.0- 72.0
15
775
24.0V
1.25A
DM2A
HDM30-24D-S03
9.0- 36.0
30
1175
3.3V
6.40A
DM2A
HDM30-24D-S05
9.0- 36.0
30
1375
5.0V
5.00A
DM2A
HDM30-24D-S09
9.0- 36.0
30
1350
9.0V
2.80A
DM2A
HDM30-24D-S12
9.0- 36.0
30
1400
12.0V
2.20A
DM2A
HDM30-24D-S15
9.0- 36.0
30
1425
15.0V
1.80A
DM2A
HDM30-24D-S24
9.0- 36.0
30
1575
24.0V
1.25A
DM2A
HDM30-48D-S03
20.0- 72.0
20
587
3.3V
6.40A
DM2A
HDM30-48D-S05
20.0- 72.0
20
687
5.0V
5.00A
DM2A
HDM30-48D-S09
20.0- 72.0
20
675
9.0V
2.80A
DM2A
HDM30-48D-S12
20.0- 72.0
20
700
12.0V
2.20A
DM2A
HDM30-48D-S15
20.0- 72.0
20
712
15.0V
1.80A
DM2A
HDM30-48D-S24
20.0- 72.0
20
787
24.0V
1.25A
DM2A
Symbols: "★" OVP built-in.
"@" Adjustable.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 156.0g (5.6 Oz.)
DERATING CHART
PIN ASSIGNMENT
PIN NO. SINGLE
PIN #1. Remote ON/OFF
PIN #2. +INPUT
PIN #3. -INPUT/-Vin
PIN #4. NO PIN
PIN #5. NO PIN
PIN #6. OUTPUT TRIM
PIN #7. NO PIN
PIN #8. +VO1
PIN #9. DC-COM
PIN #10. NO PIN
CASE SIZE: DM2A


Similar Part No. - HDM30-48B-S12

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM3224 HANTRONIX-HDM3224 Datasheet
42Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-1 HANTRONIX-HDM3224-1 Datasheet
29Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-2 HANTRONIX-HDM3224-2 Datasheet
31Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-2 HANTRONIX-HDM3224-2_15 Datasheet
52Kb / 2P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-5 HANTRONIX-HDM3224-5 Datasheet
26Kb / 1P
   320 X 240 Dots Graphics LED Backlight
More results

Similar Description - HDM30-48B-S12

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM08-S HITRON-HDM08-S Datasheet
200Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
HDM09-S HITRON-HDM09-S Datasheet
212Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
HDM11-S HITRON-HDM11-S Datasheet
285Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
HDM25-D HITRON-HDM25-D Datasheet
290Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 25 WATTS DUAL OUTPUT
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com