Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1060I Datasheet(PDF) 2 Page - Texas Instruments

Part # THS1060I
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060I Datasheet(HTML) 2 Page - Texas Instruments

  THS1060I Datasheet HTML 1Page - Texas Instruments THS1060I Datasheet HTML 2Page - Texas Instruments THS1060I Datasheet HTML 3Page - Texas Instruments THS1060I Datasheet HTML 4Page - Texas Instruments THS1060I Datasheet HTML 5Page - Texas Instruments THS1060I Datasheet HTML 6Page - Texas Instruments THS1060I Datasheet HTML 7Page - Texas Instruments THS1060I Datasheet HTML 8Page - Texas Instruments THS1060I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
14 15
NC
NC
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
AVSS
AVDD
VIN+
VIN–
AVDD
VREFOUT–
VREFIN
VREFIN+
VREFOUT+
VBG
AVSS
AVDD
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
48 PHP PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
PACKAGE
TA
48-TQFP
(PHP)
–40
°C to 85°C
THS1060I
0
°C to 70°C
THS1060C
functional block diagram
Digital Error Correction
S/H
Stage 1
Stage 10
Reference
3.0 V
2.0 V
AVDD/2
Timing
VIN–
VREFOUT+
VCM
CLK+
DVSS
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
AVDD DVDD
D/A
Σ
A/D
Σ
D/A
A/D
A/D
VREFOUT–
VREFIN+
VREFIN–
CLK–
1
1
1
Buffer
DRVDD
AVSS
DRVSS
Stages 2 – 9
VIN+
900


Similar Part No. - THS1060I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1060IPHP TI1-THS1060IPHP Datasheet
385Kb / 22P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
More results

Similar Description - THS1060I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1050 TI-THS1050 Datasheet
397Kb / 20P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1060 TI1-THS1060_05 Datasheet
385Kb / 22P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1050IPHP TI-THS1050IPHP Datasheet
410Kb / 21P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8769 PHILIPS-TDA8769 Datasheet
227Kb / 28P
   12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
2003 Dec 09
logo
Texas Instruments
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com