Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1060C Datasheet(PDF) 10 Page - Texas Instruments

Part # THS1060C
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060C Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS1060C Datasheet HTML 6Page - Texas Instruments THS1060C Datasheet HTML 7Page - Texas Instruments THS1060C Datasheet HTML 8Page - Texas Instruments THS1060C Datasheet HTML 9Page - Texas Instruments THS1060C Datasheet HTML 10Page - Texas Instruments THS1060C Datasheet HTML 11Page - Texas Instruments THS1060C Datasheet HTML 12Page - Texas Instruments THS1060C Datasheet HTML 13Page - Texas Instruments THS1060C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–110.00
–100.00
–90.00
–80.00
–70.00
–60.00
–50.00
–40.00
–30.00
–20.00
–10.00
0.00
0
5
10
15
20
25
30
OUTPUT POWER SPECTRUM
vs
FREQUENCY
f – Frequency – MHz
Fs = 60 MSPS
fIN = 31 MHz, VIN @ –2 dBFS
8K Point Discrete Fourier
Transform
Figure 8
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
25
30
OUTPUT POWER SPECTRUM
vs
FREQUENCY
f – Frequency – MHz
Fs = 60 MSPS
fIN = 69 MHz, VIN @ –2 dBFS
8K Point Discrete Fourier
Transform
Figure 9


Similar Part No. - THS1060C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1060CPHP TI1-THS1060CPHP Datasheet
385Kb / 22P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
More results

Similar Description - THS1060C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1050 TI-THS1050 Datasheet
397Kb / 20P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1060 TI1-THS1060_05 Datasheet
385Kb / 22P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1050IPHP TI-THS1050IPHP Datasheet
410Kb / 21P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8769 PHILIPS-TDA8769 Datasheet
227Kb / 28P
   12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
2003 Dec 09
logo
Texas Instruments
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com