Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM29C16DWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TCM29C16DWR
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C16DWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCM29C16DWR Datasheet HTML 4Page - Texas Instruments TCM29C16DWR Datasheet HTML 5Page - Texas Instruments TCM29C16DWR Datasheet HTML 6Page - Texas Instruments TCM29C16DWR Datasheet HTML 7Page - Texas Instruments TCM29C16DWR Datasheet HTML 8Page - Texas Instruments TCM29C16DWR Datasheet HTML 9Page - Texas Instruments TCM29C16DWR Datasheet HTML 10Page - Texas Instruments TCM29C16DWR Datasheet HTML 11Page - Texas Instruments TCM29C16DWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
noise over recommended ranges of supply voltage and operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Transmit noise, C-message weighted
ANLG IN+ = ANLG GND,
ANLG IN – = GSX
15
dBrnC0
Transmit noise, C-message weighted with 8-bit-
signaling (TCM29C14 and TCM129C14 only)
ANLG IN+ = ANLG GND,
ANLG IN – = GSX,
6th frame signaling
18
dBrnC0
Transmit noise, psophometrically weighted
ANLG IN+ = ANLG GND,
ANLG IN – = GSX
–69
dBm0p
Receive noise, C-message-weighted quiet code
PCM IN = 11111111 (
µ-law), PCM IN = 10101010
(A-law), measured at PWRO +
11
dBrnC0
Receive noise, C-message-weighted sign bit toggled
Input to PCM IN is zero code with sign bit toggled at
1-kHz rate
12
dBrmC0
Receive noise, psophometrically weighted
PCM = lowest positive decode level
–79
dBm0p
power-supply rejection ratio and crosstalk attenuation over recommended ranges of supply
voltage and operating free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC supply-voltage rejection ratio,
0
≤ f < 30 kHz
Idle channel,
Supply signal = 200 mV(k t
k)
–30
dB
CC
yg
j
,
transmit channel
30
≤ f < 50 kHz
Supply signal = 200 mV(peak-to-peak),
f measured at PCM OUT
–45
dB
VBB supply-voltage rejection ratio,
0
≤ f < 30 kHz
Idle channel,
Supply signal = 200 mV(k t
k)
–30
dB
BB
yg
j
,
transmit channel
30
≤ f < 50 kHz
Supply signal = 200 mV(peak-to-peak),
f measured at PCM OUT
–55
dB
VCC supply-voltage rejection ratio,
0
≤ f < 30 kHz
Idle channel,
Supply signal = 200 mV(k t
k)
–20
dB
CC
yg
j
,
receive channel (single ended)
30
≤ f < 50 kHz
Supply signal = 200 mV(peak-to-peak),
f measured at PWRO +
–45
dB
VBB supply-voltage rejection ratio,
0
≤ f < 30 kHz
Idle channel,
Supply signal = 200 mV(k t
k)
–20
dB
BB
yg
j
,
receive channel (single ended)
30
≤ f < 50 kHz
Supply signal = 200 mV(peak-to-peak),
Narrow band,
f measured at PWRO +
–45
dB
Crosstalk attenuation, transmit to receive
(single ended)
ANLG IN+ = 0 dBm0,
f = 1.02 kHz,
Unity gain,
PCM IN = lowest decode level,
Measured at PWRO+
71
dB
Crosstalk attenuation, receive to transmit
(single ended)
PCM IN = 0 dBm0,
f = 1.02 kHz,
Measured at PCM OUT
71
dB
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.


Similar Part No. - TCM29C16DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C16DWR TI1-TCM29C16DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C16DWR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com