Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM29C16DWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TCM29C16DWR
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C16DWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCM29C16DWR Datasheet HTML 7Page - Texas Instruments TCM29C16DWR Datasheet HTML 8Page - Texas Instruments TCM29C16DWR Datasheet HTML 9Page - Texas Instruments TCM29C16DWR Datasheet HTML 10Page - Texas Instruments TCM29C16DWR Datasheet HTML 11Page - Texas Instruments TCM29C16DWR Datasheet HTML 12Page - Texas Instruments TCM29C16DWR Datasheet HTML 13Page - Texas Instruments TCM29C16DWR Datasheet HTML 14Page - Texas Instruments TCM29C16DWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receive timing requirements over recommended ranges of supply voltages and operating free-air
temperature, variable-data-rate mode (see Figure 6)
PARAMETER
MIN
MAX
UNIT
td(TSDR)
Time-slot delay time from DCLKR (see Note 9)
140
td(DCLKR)–140
ns
td(FSR)
Frame-sync delay time
100
tc(CLK)–100
ns
tsu(PCM IN)
Setup time before bit 3 falling edge
10
ns
th(PCM IN)
Hold time after bit 4 falling edge
60
ns
tc(DCLKR)
Data clock period
488
15620
ns
tSER
Time-slot end receive time
0
ns
NOTE 9: tFSLR minimum requirement overrides the td(TSDR) maximum requirement for 64-kHz operation.
64-kbit operation timing requirements over recommended ranges of supply voltage and operating free-air
temperature, variable-data-rate mode
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tFSLX
Transmit frame-sync minimum down time
FSX = TTL high for remainder of frame
488
ns
tFSLR
Receive frame-sync minimum down time
FSR = TTL high for remainder of frame
1952
ns
tw(DCLK)
Pulse duration, data clock
10
µs
switching characteristics
propagation delay times over recommended ranges of supply voltage and operating free-air temperature,
fixed-data-rate mode (see Figures 3 and 4)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd1
From rising edge of transmit clock to bit 1 data valid at PCM OUT (data enable
time on time-slot entry) (see Note 10)
CL = 0 to 100 pF
0
145
ns
tpd2
From rising edge of transmit clock bit n to bit n data valid at PCM OUT (data
valid time)
CL = 0 to 100 pF
0
145
ns
tpd3
From falling edge of transmit clock bit 8 to bit 8 Hi-Z at PCM OUT (data float time
on time-slot exit) (see Note 10)
CL = 0
60
215
ns
tpd4
From rising edge of transmit clock bit 1 to TSX active (low) (time-slot enable
time)
CL = 0 to 100 pF
0
145
ns
tpd5
From falling edge of transmit clock bit 8 to TSX inactive (high) (time-slot disable
time) (see Note 10)
CL = 0
60
190
ns
tpd6
From rising edge of channel time slot to SIGR update (TCM129C14 and
TCM29C14 only)
0
2
µs
NOTE 10: Timing parameters tpd1, tpd3, and tpd5 are referenced to the high-impedance state.
propagation delay times over recommended ranges of operating conditions, variable-data-rate mode (see
Note 11 and Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd7
Data delay time from DCLKX
CL = 0 to 100 pF
0
100
ns
tpd8
Data delay time from time-slot enable to PCM OUT
CL = 0 to 100 pF
0
50
ns
tpd9
Data delay time from time-slot disable to PCM OUT
CL = 0 to 100 pF
0
80
ns
tpd10
Data delay time from FSX
td(TSDX) = 80 ns
0
140
ns
NOTE 11: Timing parameters tpd8 and tpd9 are referenced to a high-impedance state.


Similar Part No. - TCM29C16DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C16DWR TI1-TCM29C16DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C16DWR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com