Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDU100-C-33 Datasheet(PDF) 3 Page - HITRON ELECTRONICS CORPORTION

Part # HDU100-C-33
Description  DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDU100-C-33 Datasheet(HTML) 3 Page - HITRON ELECTRONICS CORPORTION

  HDU100-C-33 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDU100-C-33 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HDU100-C-33 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HDU100-C-33 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-65-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
HDU60 Series
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HDU60 707.0g (24.94 Oz.)
SINGLE OUTPUT
INPUT RANGE
OUTPUT VO1 @#◇
MODEL NO.
Vdc
Typ.
Volt.
HDU60-A or B or C-S033
A: 9-18,B: 18-36,C: 36-72
16.0A
3.3V
HDU60-A or B or C-10
A: 9-18,B: 18-36,C: 36-72
12.0A
5.0V
HDU60-A or B or C-11
A: 9-18,B: 18-36,C: 36-72
5.0A
12.0V
HDU60-A or B or C-12
A: 9-18,B: 18-36,C: 36-72
4.0A
15.0V
HDU60-A or B or C-13
A: 9-18,B: 18-36,C: 36-72
2.5A
24.0V
DUAL OUTPUT
INPUT RANGE
OUTPUT VO1 @◇ OUTPUT VO2▲◇@
MODEL NO.
Vdc
Typ.
Volt.
Typ.
Volt.
HDU60-A or B or C-D033E
A: 9-18,B: 18-36,C: 36-72
6.0A
3.3V
5.0A
5.0V
HDU60-A or B or C-D033I
A: 9-18,B: 18-36,C: 36-72
6.0A
3.3V
3.0A
12.0V
HDU60-A or B or C-20
A: 9-18,B: 18-36,C: 36-72
5.0A
5.0V
3.0A
12.0V
HDU60-A or B or C-21
A: 9-18,B: 18-36,C: 36-72
2.5A
12.0V
2.5A
12.0V
HDU60-A or B or C-23
A: 9-18,B: 18-36,C: 36-72
2.0A
15.0V
2.0A
15.0V
HDU60-A or B or C-24
A: 9-18,B: 18-36,C: 36-72
5.0A
5.0V
1.5A
24.0V
HDU60-A or B or C-25
A: 9-18,B: 18-36,C: 36-72
1.3A
24.0V
1.3A
24.0V
TRIPLE OUTPUT
INPUT RANGE
OUTPUT VO1 @◇ OUTPUT VO2 ▲◇@
OUTPUT VO3 ●◇■
MDEL NO.
Vdc
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HDU60-A or B or C-T033EI A: 9-18,B: 18-36,C: 36-72
6.0A
3.3V
5.0A
5.0V
0.50A
12.0V
HDU60-A or B or C-T033IM A: 9-18,B: 18-36,C: 36-72
6.0A
3.3V
2.5A
12.0V
0.25A
24.0V
HDU60-A or B or C-30
A: 9-18,B: 18-36,C: 36-72
5.0A
5.0V
2.5A
12.0V
1.00A
5.0V
HDU60-A or B or C-31
A: 9-18,B: 18-36,C: 36-72
4.5A
5.0V
2.0A
15.0V
0.50A
15.0V
HDU60-A or B or C-32
A: 9-18,B: 18-36,C: 36-72
5.0A
5.0V
2.5A
12.0V
0.50A
12.0V
HDU60-A or B or C-33
A: 9-18,B: 18-36,C: 36-72
5.0A
5.0V
1.3A
24.0V
0.50A
12.0V
Symbol: " " OVP built-in. "@" Adjustable. "●" Installed with Post Regulator. "■" Couple filter inductor. "▲" Magnetic Amplifier.
"#" Remote sensing. "◇" Floating ( or isolated) output.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
DC INPUT
SINGLE/DUAL/TRIPLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT +Vin
-Vin
G
+VO1
-VO1
+VO2
-VO2
+VO3
-VO3
NC
LOG.
INH.
+S
-S
POWER
FAIL
HDU60-1X
28
30
32
4,6
12,14
-
-
-
-
16,18,24,26
20
8
10
22
HDU60-2X
28
30
32
4
6
8
10
-
-
12,14,16,18,24,26
20
-
-
22
HDU60-3X
28
30
32
4,6,
8,10
12
14
16
18
24,26
20
-
-
22
Mating connector: DIN41612-H15 Female
HDU60


Similar Part No. - HDU100-C-33

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HDU100-C-33 TOTAL-POWER-HDU100-C-33 Datasheet
427Kb / 4P
   DC-DC CONVERTER 19 COMPATIBLE EUROCARD MULTIPLEV OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES HDU45, HDU60 AND HDU100 SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com