Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5661PW Datasheet(PDF) 8 Page - Texas Instruments

Part # THS5661PW
Description  12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5661PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS5661PW Datasheet HTML 4Page - Texas Instruments THS5661PW Datasheet HTML 5Page - Texas Instruments THS5661PW Datasheet HTML 6Page - Texas Instruments THS5661PW Datasheet HTML 7Page - Texas Instruments THS5661PW Datasheet HTML 8Page - Texas Instruments THS5661PW Datasheet HTML 9Page - Texas Instruments THS5661PW Datasheet HTML 10Page - Texas Instruments THS5661PW Datasheet HTML 11Page - Texas Instruments THS5661PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
THS5661
12-BIT, 100 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS200A – MAY 1999 – REVISED JULY 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
48
54
60
66
72
78
0
102030
40
Figure 5
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 70 MSPS
Fout – MHz
–12 dBFS
–6 dBFS
0 dBFS
Figure 6
48
54
60
66
72
78
0
1020
304050
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 100 MSPS
Fout – MHz
–12 dBFS
–6 dBFS
0 dBFS
42
48
54
60
66
72
78
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
Figure 7
4.55 MHz @ 50 MSPS
SPURIOUS FREE DYNAMIC RANGE
vs
AOUT AT FOUT = FCLOCK/11
Aout – dBFS
2.27 MHz @ 25 MSPS
6.36 MHz @ 70 MSPS
9.1 MHz @ 100 MSPS
42
48
54
60
66
72
78
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
Figure 8
5 MHz @ 25 MSPS
SPURIOUS FREE DYNAMIC RANGE
vs
AOUT AT FOUT = FCLOCK/5
Aout – dBFS
10 MHz @ 50 MSPS
20 MHz @ 100 MSPS
14 MHz @ 70 MSPS
†AV
DD = DVDD = 5 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly terminated load, TA = 25°C (unless otherwise
noted.)


Similar Part No. - THS5661PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
940Kb / 34P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
THS5661ADW TI-THS5661ADW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661AIDW TI-THS5661AIDW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661AIPW TI-THS5661AIPW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5661PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651 TI-THS5651 Datasheet
702Kb / 28P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
[Old version datasheet]   12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com