Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4031MJG Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031MJG
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031MJG Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4031MJG Datasheet HTML 4Page - Texas Instruments THS4031MJG Datasheet HTML 5Page - Texas Instruments THS4031MJG Datasheet HTML 6Page - Texas Instruments THS4031MJG Datasheet HTML 7Page - Texas Instruments THS4031MJG Datasheet HTML 8Page - Texas Instruments THS4031MJG Datasheet HTML 9Page - Texas Instruments THS4031MJG Datasheet HTML 10Page - Texas Instruments THS4031MJG Datasheet HTML 11Page - Texas Instruments THS4031MJG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = full range, VCC = ±15 V, RL = 1 kΩ (unless otherwise noted)
(continued)
power supply
PARAMETER
TEST CONDITIONS†
THS4031M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ±15 V
TA = 25°C
8.5
10
ICC
Supply current (each amplifier)
VCC = ±15 V
TA = full range
11
mA
ICC
Supply current (each amplifier)
VCC = ±5V
TA = 25°C
7.5
9
mA
VCC = ±5 V
TA = full range
10
PSRR
Power supply rejection ratio
VCC = ±5Vor ±15 V
TA = 25°C
85
95
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
80
dB
† Full range = –55
°C to 125°C for the THS4031M.
PARAMETER MEASUREMENT INFORMATION
_
+
330
50
150
VO1
VI1
330
CH1
_
+
330
50
150
VO2
VI2
330
CH2
Figure 3. THS4032 Crosstalk Test Circuit
_
+
Rg
Rf
50
RL
VO
VI
Figure 4. Step Response Test Circuit
_
+
Rg
Rf
50
RL
VO
VI
Figure 5. Step Response Test Circuit


Similar Part No. - THS4031MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031MJG TI-THS4031MJG Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031MJG TI1-THS4031MJG Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4031MJGB TI-THS4031MJGB Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031MJGB TI1-THS4031MJGB Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
More results

Similar Description - THS4031MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com