Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4042CDR Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4042CDR
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4042CDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4042CDR Datasheet HTML 4Page - Texas Instruments THS4042CDR Datasheet HTML 5Page - Texas Instruments THS4042CDR Datasheet HTML 6Page - Texas Instruments THS4042CDR Datasheet HTML 7Page - Texas Instruments THS4042CDR Datasheet HTML 8Page - Texas Instruments THS4042CDR Datasheet HTML 9Page - Texas Instruments THS4042CDR Datasheet HTML 10Page - Texas Instruments THS4042CDR Datasheet HTML 11Page - Texas Instruments THS4042CDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
THS4041, THS4042
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
SLOS237B– MAY 1999 – REVISED FEBRUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
OUTPUT AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
100M
10M
100k
1M
VCC = ±5 V
Gain = –1
RF = 2 kΩ
VO = 0.2 Vrms
RL = 150 Ω
RL = 1 kΩ
1
0
–1
–2
–3
–6
–4
–5
2
Figure 22
10
2
0
–2
–4
–10
–6
–8
4
6
8
OUTPUT AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
1G
10M
100k
1M
100M
VCC = ±5 V
Gain = –1
RF = 2 kΩ
RL = 150 Ω
VO(PP)=62 mV
CL = 0.1 µF
CL = 1000 pF
CL = 10 pF
Figure 23
10
2
0
–2
–4
–10
–6
–8
4
6
8
OUTPUT AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
1G
10M
100k
1M
100M
CL = 100 pF
CL = 0.01 µF
VCC = ±5 V
Gain = –1
RF = 2 kΩ
RL = 150 Ω
VO(PP)=62 mV
Figure 24
OUTPUT OVERSHOOT
vs
CAPACITIVE LOAD
1
10
100
60
50
40
30
20
10
0
1k
10k
Capacitive Load – pF
1 V Step
5 V Step
VCC = ±15 V & ±5 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
Figure 25
OUTPUT OVERSHOOT
vs
CAPACITIVE LOAD
1
10
100
50
40
30
20
10
0
Capacitive Load – pF
1k
10k
VCC = ±15 V & ±5 V
Gain = –1
RF = 2 kΩ
RL = 150 Ω
1 V Step
5 V Step
Figure 26
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f – Frequency – Hz
20M
10M
100k
1M
–90
–40
–100
–80
–70
–60
–50
VCC = ±15 V
Gain = 2
VO(pp) = 2 V
RL = 150 Ω
RL = 1 kΩ
Figure 27
–40
–50
–60
–70
–100
–80
–90
DISTORTION
vs
FREQUENCY
f – Frequency – Hz
20M
10M
100k
1M
3rd Harmonic
2nd Harmonic
VCC = ±15 V
Gain = 2
RL = 150 Ω
VO(pp) = 2 V
Figure 28
–40
–50
–60
–70
–100
–80
–90
DISTORTION
vs
FREQUENCY
f – Frequency – Hz
20M
10M
100k
1M
3rd Harmonic
2nd Harmonic
VCC = ±15 V
Gain = 2
RL = 1 kΩ
VO(pp) = 2 V
Figure 29
–40
–50
–60
–70
–100
–80
–90
DISTORTION
vs
FREQUENCY
f – Frequency – Hz
20M
10M
100k
1M
3rd Harmonic
2nd Harmonic
VCC = ±5 V
Gain = 2
RL = 150 Ω
VO(pp) = 2 V


Similar Part No. - THS4042CDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4042CD NSC-THS4042CD Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4042CDG4 NSC-THS4042CDG4 Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4042CDGN NSC-THS4042CDGN Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4042CDGNG4 NSC-THS4042CDGNG4 Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4042CDGNR NSC-THS4042CDGNR Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
More results

Similar Description - THS4042CDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4042 NSC-THS4042 Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
[Old version datasheet]   165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com