Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6022GQE Datasheet(PDF) 6 Page - Texas Instruments

Part # THS6022GQE
Description  250-mA DUAL DIFFERENTIAL LINE DRIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6022GQE Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS6022GQE Datasheet HTML 2Page - Texas Instruments THS6022GQE Datasheet HTML 3Page - Texas Instruments THS6022GQE Datasheet HTML 4Page - Texas Instruments THS6022GQE Datasheet HTML 5Page - Texas Instruments THS6022GQE Datasheet HTML 6Page - Texas Instruments THS6022GQE Datasheet HTML 7Page - Texas Instruments THS6022GQE Datasheet HTML 8Page - Texas Instruments THS6022GQE Datasheet HTML 9Page - Texas Instruments THS6022GQE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
THS6022
250-mA DUAL DIFFERENTIAL LINE DRIVER
SLOS225C – SEPTEMBER 1998 – REVISED JANUARY 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = ±15 V, RL = 50 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
(continued)
dc performance
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VCC = ± 5Vor ± 15 V
TA = 25°C
1
5
mV
VIO
Input offset voltage
VCC = ± 5 V or ± 15 V
TA = full range
7
mV
Input offset voltage drift
VCC = ± 5 V or ± 15 V,
TA = full range
20
µV/°C
Differential input offset voltage
VCC = ± 5Vor ± 15 V
TA = 25°C
0.5
4
mV
Differential input offset voltage
VCC = ± 5 V or ± 15 V
TA = full range
5
mV
Differential input offset voltage drift
VCC = ± 5 V or ± 15 V,
TA = full range
10
µV/°C
Negative
TA = 25°C
1
9
µA
Negative
TA = full range
12
µA
IIB
Input bias current
Positive
VCC = ± 5Vor ± 15 V
TA = 25°C
5
10
µA
IIB
In ut bias current
Positive
VCC = ± 5 V or ± 15 V
TA = full range
12
µA
Differential
TA = 25°C
1.5
8
µA
Differential
TA = full range
11
µA
Open loop transresistance
VCC = ± 5 V
1
M
Open loop transresistance
VCC = ± 15 V
4
M
† Full range is 0
°C to 70°C for the THS6022C and –40°C to 85°C for the THS6022I.
input characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ± 5 V
±3.5
±3.6
V
VICR
Common-mode input voltage range
VCC = ± 15 V
±13.3
±13.4
V
CMRR
Common-mode rejection ratio
VCC = ± 5Vor ± 15 V
TA = full range
62
73
dB
CMRR
Differential common-mode rejection ratio
VCC = ± 5 V or ± 15 V,
TA = full range
100
dB
ri
Input resistance
+ Input
1.5
M
ri
Input resistance
– Input
15
Ci
Input capacitance
1.4
pF
† Full range is 0
°C to 70°C for the THS6022C and –40°C to 85°C for the THS6022I.
output characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Single ended
RL =50 Ω
VCC = ± 5 V
±3.1
±3.2
V
VO
Output voltage swing
Single ended
RL = 50 Ω
VCC = ± 15 V
±12.3
±12.6
V
VO
Output voltage swing
Differential
RL = 100 Ω
VCC = ± 5 V
±6.2
±6.6
V
Differential
RL = 100 Ω
VCC = ± 15 V
±24.6
±25.2
V
IO
Output current (see Note 2)
VCC = ± 5 V,
RL = 5 Ω
250
mA
IO
Output current (see Note 2)
VCC = ± 15 V,
RL = 50 Ω
200
250
mA
IOS
Short-circuit output current (see Note 4)
400
mA
RO
Output resistance
Open loop
13
† Full range is 0
°C to 70°C for the THS6022C and –40°C to 85°C for the THS6022I.
NOTES:
2. Slew rate is measured from an output level range of 25% to 75%.
4. A heat sink is required to keep the junction temperature below absolute maximum when an output is heavily loaded or shorted. See
absolute maximum ratings and Thermal Information section.


Similar Part No. - THS6022GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022 TI-THS6022 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6022 TI1-THS6022 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6022 TI1-THS6022 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - THS6022GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com