Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6022CGQE Datasheet(PDF) 5 Page - Texas Instruments

Part # THS6022CGQE
Description  250-mA DUAL DIFFERENTIAL LINE DRIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6022CGQE Datasheet(HTML) 5 Page - Texas Instruments

  THS6022CGQE Datasheet HTML 1Page - Texas Instruments THS6022CGQE Datasheet HTML 2Page - Texas Instruments THS6022CGQE Datasheet HTML 3Page - Texas Instruments THS6022CGQE Datasheet HTML 4Page - Texas Instruments THS6022CGQE Datasheet HTML 5Page - Texas Instruments THS6022CGQE Datasheet HTML 6Page - Texas Instruments THS6022CGQE Datasheet HTML 7Page - Texas Instruments THS6022CGQE Datasheet HTML 8Page - Texas Instruments THS6022CGQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
THS6022
250-mA DUAL DIFFERENTIAL LINE DRIVER
SLOS225C – SEPTEMBER 1998 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = ±15 V, RL = 50 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO = 200 mV G = 1
VCC = ± 15 V
RF = 787 Ω
210
VO = 200 mV, G = 1
VCC = ± 5 V
RF = 910 Ω
150
VO = 200 mV G = 2
VCC = ± 15 V
RF = 590 Ω
200
Small signal bandwidth ( 3 dB)
VO = 200 mV, G = 2
VCC = ± 5 V
RF = 715 Ω
140
MHz
Small-signal bandwidth (–3 dB)
RL = 100 Ω G=1
VCC = ± 15 V
RF = 750 Ω
300
MHz
BW
RL = 100 Ω, G = 1
VCC = ± 5 V
RF = 910 Ω
210
BW
RL = 100 Ω G=2
VCC = ± 15 V
RF = 620 Ω
260
RL = 100 Ω, G = 2
VCC = ± 5 V
RF = 680 Ω
180
RL =50 Ω G=2
VCC = ± 15 V
RF = 590 Ω
115
Bandwidth for 0 1 dB flatness
RL = 50 Ω, G = 2,
VCC = ± 5 V
RF = 715 Ω
70
MHz
Bandwidth for 0.1 dB flatness
RL = 100 Ω G=2
VCC = ± 15 V
RF = 620 Ω
140
MHz
RL = 100 Ω, G = 2,
VCC = ± 5 V
RF = 680 Ω
80
SR
Slew rate (see Note 2)
VCC = ± 15 V,
VO(PP) = 20 V,
G = 5
1900
V/
µs
SR
Slew rate (see Note 2)
VCC = ± 5 V,
VO(PP) = 5 V,
G = 2
950
V/
µs
ts
Settling time to 0.1%
0 V to 10 V Step,
G = 2,
RL = 1 kΩ
70
ns
Full power bandwidth
VCC = ± 15 V,
VO = 20 V(PP)
30
MHz
(see Note 3)
VCC = ± 5 V,
VO = 4 V(PP)
75
MHz
NOTES:
2. Slew rate is measured from an output level range of 25% to 75%.
3. Full power bandwidth = slew rate/2
πVpeak
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 500 kHz
VO(PP) = 20 V
–69
VCC = ± 15 V G=2
f = 500 kHz
VO(PP) = 2 V
–80
VCC = ± 15 V, G = 2
f=1MHz
VO(PP) = 20 V
–66
THD
Total harmonic distortion
f = 1 MHz
VO(PP) = 2 V
–75
dBc
THD
Total harmonic distortion
RL =25 Ω
f = 500 kHz
–71
dBc
VCC = ± 5 V,
RL = 25 Ω
f = 1 MHz
–65
CC
,
VO(PP) = 2 V, G = 2
RL =50 Ω
f = 500 kHz
–78
RL = 50 Ω
f = 1 MHz
–72
I
Input noise
Positive (IN+)
VCC = ± 5Vor ± 15 V
G2
f=10kHz
11.5
pA/
√Hz
In
current
Negative (IN–)
VCC = ± 5 V or ± 15 V, G = 2,
f = 10 kHz,
16
pA/
√Hz
AD
Differential gain error
RL = 150 Ω G=2
NTSC,
VCC = ± 5 V
0.03%
AD
Differential gain error
RL = 150 Ω, G = 2
,
40 IRE Mod.
VCC = ± 15 V
0.04%
φD
Differential phase error
RL = 150 Ω G=2
NTSC,
VCC = ± 5 V
0.08
°
φD
Differential hase error
RL = 150 Ω, G = 2
40 IRE Mod.
VCC = ± 15 V
0.06
°
Crosstalk
VI = 200 mV,
f = 1 MHz
–64
dB
Vn
Input voltage noise
VCC = ± 5 V or ± 15 V,
Single-ended
f = 10 kHz,
G = 2,
1.7
nV/
√Hz


Similar Part No. - THS6022CGQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022CGQE TI1-THS6022CGQE Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - THS6022CGQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com