Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012EVM Datasheet(PDF) 8 Page - Texas Instruments

Part # THS6012EVM
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6012EVM Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS6012EVM Datasheet HTML 4Page - Texas Instruments THS6012EVM Datasheet HTML 5Page - Texas Instruments THS6012EVM Datasheet HTML 6Page - Texas Instruments THS6012EVM Datasheet HTML 7Page - Texas Instruments THS6012EVM Datasheet HTML 8Page - Texas Instruments THS6012EVM Datasheet HTML 9Page - Texas Instruments THS6012EVM Datasheet HTML 10Page - Texas Instruments THS6012EVM Datasheet HTML 11Page - Texas Instruments THS6012EVM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
THS6012
500-mA DUAL DIFFERENTIAL LINE DRIVER
SLOS226C– SEPTEMBER 1998 – REVISED FEBRUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO(PP) Peak to peak output voltage
vs Supply voltage
3
VO(PP) Peak-to-peak output voltage
vs Load resistance
4
VIO
Input offset voltage
vs Free-air temperature
5
IIB
Input bias current
vs Free-air temperature
6
CMRR
Common-mode rejection ratio
vs Free-air temperature
7
Input-to-output crosstalk
vs Frequency
8
PSRR
Power supply rejection ratio
vs Free-air temperature
9
Closed-loop output impedance
vs Frequency
10
ICC
Supply current
vs Supply voltage
11
ICC
Supply current
vs Free-air temperature
12
SR
Slew rate
vs Output step
13, 14
Vn
Input voltage noise
vs Frequency
15
In
Input current noise
vs Frequency
15
Normalized frequency response
vs Frequency
16, 17
Output amplitude
vs Frequency
18–21
Normalized output response
vs Frequency
22–25
Small and large frequency response
26, 27
Single ended harmonic distortion
vs Frequency
28, 29
Single-ended harmonic distortion
vs Output voltage
30, 31
Differential gain
DC input offset voltage
32, 33
Differential gain
Number of 150-
Ω loads
34, 35
Differential phase
DC input offset voltage
32, 33
Differential phase
Number of 150-
Ω loads
34, 35
Output step response
36–38


Similar Part No. - THS6012EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6012EVM TI1-THS6012EVM Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - THS6012EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI-THS6022 Datasheet
646Kb / 38P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD816 AD-AD816 Datasheet
413Kb / 16P
   500 mA Differential Driver and Dual Low Noise VF Amplifiers
REV. B
AD816 AD-AD816_15 Datasheet
839Kb / 16P
   500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com