Electronic Components Datasheet Search |
|
THS6072CDGN Datasheet(PDF) 5 Page - Texas Instruments |
|
THS6072CDGN Datasheet(HTML) 5 Page - Texas Instruments |
5 / 24 page THS6072 LOW-POWER ADSL DIFFERENTIAL RECEIVER SLOS290A – FEBRUARY 2000 – REVISED APRIL 2000 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued) input characteristics PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VICR Common mode input voltage range VCC = ± 15 V ±13.8 ±14.1 V VICR Common-mode input voltage range VCC = ± 5 V ±3.8 ±3.9 V CMRR Common mode rejection ratio VCC = ± 15 V, VICR = ± 12 V, TA = full range 78 93 dB CMRR Common mode rejection ratio VCC = ± 5 V, VICR = ± 2 V, TA = full range 84 90 dB RI Input resistance 1 M Ω CI Input capacitance 1.5 pF output characteristics PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VCC = ± 15 V RL = 250 Ω ±12 ±13.6 V VO Output voltage swing VCC = ± 5 V RL = 150 Ω ±3.4 ±3.8 V VO Output voltage swing VCC = ± 15 V RL =1kΩ ±13 ±13.8 V VCC = ± 5 V RL = 1 kΩ ±3.5 ±3.9 V IO Output current† VCC = ± 15 V RL =20 Ω 65 85 mA IO Output current† VCC = ± 5 V RL = 20 Ω 50 70 mA ISC Short-circuit current† VCC = ± 15 V 100 mA RO Output resistance Open loop 13 Ω † Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or shorted. See the absolute maximum ratings section of this data sheet for more information. power supply PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VCC Supply voltage operating range Dual supply ±4.5 ±16.5 V VCC Supply voltage operating range Single supply 9 33 V VCC = ± 15 V TA = 25°C 3.4 4.2 ICC Supply current (per amplifier) VCC = ± 15 V TA = full range 5 mA ICC Supply current (per amplifier) VCC = ± 5V TA = 25°C 2.9 3.7 mA VCC = ± 5 V TA = full range 4.5 PSRR Power supply rejection ratio VCC = ± 5 V or ± 15 V TA = full range 79 90 dB ‡ Full range = 0 °C to 70°C for C suffix and –40°C to 85°C for I suffix § Slew rate is measured from an output level range of 25% to 75%. ¶ Full power bandwidth = slew rate/2 π VO(Peak). |
Similar Part No. - THS6072CDGN |
|
Similar Description - THS6072CDGN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |