Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6072ID Datasheet(PDF) 5 Page - Texas Instruments

Part # THS6072ID
Description  LOW-POWER ADSL DIFFERENTIAL RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6072ID Datasheet(HTML) 5 Page - Texas Instruments

  THS6072ID Datasheet HTML 1Page - Texas Instruments THS6072ID Datasheet HTML 2Page - Texas Instruments THS6072ID Datasheet HTML 3Page - Texas Instruments THS6072ID Datasheet HTML 4Page - Texas Instruments THS6072ID Datasheet HTML 5Page - Texas Instruments THS6072ID Datasheet HTML 6Page - Texas Instruments THS6072ID Datasheet HTML 7Page - Texas Instruments THS6072ID Datasheet HTML 8Page - Texas Instruments THS6072ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
THS6072
LOW-POWER ADSL DIFFERENTIAL RECEIVER
SLOS290A – FEBRUARY 2000 – REVISED APRIL 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ± 15 V
±13.8 ±14.1
V
VICR
Common-mode input voltage range
VCC = ± 5 V
±3.8
±3.9
V
CMRR
Common mode rejection ratio
VCC = ± 15 V,
VICR = ± 12 V,
TA = full range
78
93
dB
CMRR
Common mode rejection ratio
VCC = ± 5 V,
VICR = ± 2 V,
TA = full range
84
90
dB
RI
Input resistance
1
M
CI
Input capacitance
1.5
pF
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
RL = 250 Ω
±12 ±13.6
V
VO
Output voltage swing
VCC = ± 5 V
RL = 150 Ω
±3.4
±3.8
V
VO
Output voltage swing
VCC = ± 15 V
RL =1kΩ
±13 ±13.8
V
VCC = ± 5 V
RL = 1 kΩ
±3.5
±3.9
V
IO
Output current†
VCC = ± 15 V
RL =20 Ω
65
85
mA
IO
Output current†
VCC = ± 5 V
RL = 20 Ω
50
70
mA
ISC
Short-circuit current†
VCC = ± 15 V
100
mA
RO
Output resistance
Open loop
13
† Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ± 15 V
TA = 25°C
3.4
4.2
ICC
Supply current (per amplifier)
VCC = ± 15 V
TA = full range
5
mA
ICC
Supply current (per amplifier)
VCC = ± 5V
TA = 25°C
2.9
3.7
mA
VCC = ± 5 V
TA = full range
4.5
PSRR
Power supply rejection ratio
VCC = ± 5 V or ± 15 V
TA = full range
79
90
dB
‡ Full range = 0
°C to 70°C for C suffix and –40°C to 85°C for I suffix
§ Slew rate is measured from an output level range of 25% to 75%.
¶ Full power bandwidth = slew rate/2
π VO(Peak).


Similar Part No. - THS6072ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS6072ID NSC-THS6072ID Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
THS6072IDG4 NSC-THS6072IDG4 Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
THS6072IDGNR NSC-THS6072IDGNR Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
THS6072IDGNRG4 NSC-THS6072IDGNRG4 Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6072ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
THS6062 TI-THS6062 Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062 TI1-THS6062_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDR TI1-THS6062IDR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173_07 Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-HIREL TI1-SN55LBC173-HIREL Datasheet
190Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
100314 NSC-100314 Datasheet
112Kb / 8P
   Low Power Quint Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com