Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4041CDGNRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4041CDGNRG4
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4041CDGNRG4 Datasheet(HTML) 5 Page - Texas Instruments

  THS4041CDGNRG4 Datasheet HTML 1Page - Texas Instruments THS4041CDGNRG4 Datasheet HTML 2Page - Texas Instruments THS4041CDGNRG4 Datasheet HTML 3Page - Texas Instruments THS4041CDGNRG4 Datasheet HTML 4Page - Texas Instruments THS4041CDGNRG4 Datasheet HTML 5Page - Texas Instruments THS4041CDGNRG4 Datasheet HTML 6Page - Texas Instruments THS4041CDGNRG4 Datasheet HTML 7Page - Texas Instruments THS4041CDGNRG4 Datasheet HTML 8Page - Texas Instruments THS4041CDGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
THS4041, THS4042
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
SLOS237B– MAY 1999 – REVISED FEBRUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 250 Ω
±11.5
±13
V
VO
Output voltage swing
VCC = ±5 V
RL = 150 Ω
±3.2
±3.5
V
VO
Output voltage swing
VCC = ±15 V
RL =1kΩ
±13 ±13.6
V
VCC = ±5 V
RL = 1 kΩ
±3.5
±3.8
V
IO
O tp t c rrent‡
VCC = ±15 V
RL =20 Ω
80
100
mA
IO
Output current‡
VCC = ±5 V
RL = 20 Ω
50
65
mA
ISC
Short-circuit current‡
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13
† Full range = 0
°C to 70°C for C suffix and –40°C to 85°C for I suffix
‡ Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.
power supply
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ±15 V
TA = 25°C
8
9.5
ICC
Supply current (per amplifier)
VCC = ±15 V
TA = full range
11
mA
ICC
Supply current (per amplifier)
VCC = ±5V
TA = 25°C
7
8.5
mA
VCC = ±5 V
TA = full range
10
PSRR
Power supply rejection ratio
VCC = ±5Vor ±15 V
TA = 25°C
75
84
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
70
dB
† Full range = 0
°C to 70°C for C suffix and –40°C to 85°C for I suffix


Similar Part No. - THS4041CDGNRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4041CDGNRG4 NSC-THS4041CDGNRG4 Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
More results

Similar Description - THS4041CDGNRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4042 NSC-THS4042 Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
[Old version datasheet]   165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com