Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7001EVM Datasheet(PDF) 2 Page - Texas Instruments

Part # THS7001EVM
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7001EVM Datasheet(HTML) 2 Page - Texas Instruments

  THS7001EVM Datasheet HTML 1Page - Texas Instruments THS7001EVM Datasheet HTML 2Page - Texas Instruments THS7001EVM Datasheet HTML 3Page - Texas Instruments THS7001EVM Datasheet HTML 4Page - Texas Instruments THS7001EVM Datasheet HTML 5Page - Texas Instruments THS7001EVM Datasheet HTML 6Page - Texas Instruments THS7001EVM Datasheet HTML 7Page - Texas Instruments THS7001EVM Datasheet HTML 8Page - Texas Instruments THS7001EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND-A
PGA-A REF
PGA-A IN–
PREAMP OUT A
PREAMP-A IN–
PREAMP-A IN+
PREAMP VCC–
PREAMP VCC+
PREAMP-B IN+
PREAMP-B IN–
PREAMP OUT B
PGA-B IN–
PGA-B REF
GND-B
G0-A
G1-A
G2-A
SHDN–A
PGA-A OUT
CLAMP– (VL)
PGA VCC–
PGA VCC+
CLAMP+ (VH)
PGA-B OUT
SHDN–B
G2-B
G1-B
G0-B
THS7002
PWP PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
VREFPGA
–VINPGA
VOUTPre-AMP
–VINPre-Amp
+VINPre-Amp
VCC–Pre-Amp
VCC+Pre-Amp
Spare/NC
Spare/NC
G0
G1
G2
SHDN
VOUTPGA
VLNegative Clamp
VCC–PGA
VCC+PGA
VHPositive Clamp
Spare/NC
THS7001
PWP PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
NUMBER OF
PACKAGED DEVICES
EVALUATION
TA
NUMBER OF
CHANNELS
PowerPAD PLASTIC TSSOP
(PWP)
EVALUATION
MODULE
0
°Cto70°C
1
THS7001CPWP
THS7001EVM
0
°C to 70°C
2
THS7002CPWP
THS7002EVM
40
°Cto85°C
1
THS7001IPWP
– 40
°C to 85°C
2
THS7002IPWP


Similar Part No. - THS7001EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7001CPWP TI1-THS7001CPWP Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7001CPWPG4 TI1-THS7001CPWPG4 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7001CPWPR TI1-THS7001CPWPR Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7001IPWP TI1-THS7001IPWP Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7001IPWPG4 TI1-THS7001IPWPG4 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
More results

Similar Description - THS7001EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
   30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
   63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com