Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

667C Datasheet(PDF) 7 Page - Mallory performance club

Part # 667C
Description  HYFIRE VIIC PRO CD IGNITION SYSTEM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

667C Datasheet(HTML) 7 Page - Mallory performance club

  667C Datasheet HTML 1Page - Mallory performance club 667C Datasheet HTML 2Page - Mallory performance club 667C Datasheet HTML 3Page - Mallory performance club 667C Datasheet HTML 4Page - Mallory performance club 667C Datasheet HTML 5Page - Mallory performance club 667C Datasheet HTML 6Page - Mallory performance club 667C Datasheet HTML 7Page - Mallory performance club 667C Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
To nitrous stage 3 (+12 volts when active)
To nitrous stage 1 (+12 volts when active)
To nitrous stage 2 (+12 volts when active)
NC
C
NO
RPM2
RPM3
RET1
RET2
RET3
EXAMPLE 6: Using the High-Speed timing retard function
with a 3-stage nitrous system.
8
6
4
2
0
RPM
0
10k
8000
6000
4000
2000
EXAMPLE 7: High Speed Advance Curve (Modes 8 and 9)
SLOPE (Mode 8)
This is how much the timing advances for
every 1000 RPM. This example shows a
slope of 2.0 (2 degrees per 1000 RPM).
CUT-IN (Mode 9)
THIS IS THE RPM WHERE THE TIMING
STARTS TO ADVANCE. THIS EXAMPLE
SHOWS A CUT-IN OF 7.0 (7000 RPM)
MAXIMUM ADVANCE (Mode A)
This example shows a maximum of 2
degrees advance.
7


Similar Part No. - 667C

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
667C MALLORY-667C_14 Datasheet
811Kb / 9P
   HYFIRE짰 VII Series Electronic Ignition
More results

Similar Description - 667C

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
667S MALLORY-667S Datasheet
363Kb / 4P
   VIIS SPORTSMAN CD IGNITION SYSTEM
674M MALLORY-674M Datasheet
363Kb / 4P
   HYFIRE짰 VIIS SPORTSMAN CD IGNITION SYSTEM
53SERIES MALLORY-53SERIES Datasheet
39Kb / 1P
   MAGNETO IGNITION SYSTEM
674 MALLORY-674 Datasheet
396Kb / 4P
   VIIC CONTROL UNIT
logo
Samsung semiconductor
S5L9276 SAMSUNG-S5L9276 Datasheet
182Kb / 50P
   OPTICAL CD MP3 SYSTEM
logo
PANDUIT CORP.
JP2DW-L20 PANDUIT-JP2DW-L20 Datasheet
3Mb / 6P
   J-Pro??Cable Support System
12/2015
logo
STMicroelectronics
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
   DSP/MCU system for CD-DA, CD-CA, CD-ROM player
logo
Pericom Semiconductor C...
PI6C106 PERICOM-PI6C106 Datasheet
370Kb / 8P
   Pentium/Pro System Clock Chip
logo
Rohm
BU9354KV ROHM-BU9354KV Datasheet
59Kb / 3P
   System LSI for CD player
logo
Sanyo Semicon Device
LV8222W SANYO-LV8222W Datasheet
167Kb / 12P
   CD/MD System Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com