Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

676M Datasheet(PDF) 2 Page - Mallory performance club

Part # 676M
Description  HYFIRE 7C CONTROL UNIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

676M Datasheet(HTML) 2 Page - Mallory performance club

  676M Datasheet HTML 1Page - Mallory performance club 676M Datasheet HTML 2Page - Mallory performance club 676M Datasheet HTML 3Page - Mallory performance club 676M Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
R
1 - RPML 1
2 - RPML 2
4 - RETARD 1
5 - RETARD 2
6 - RETARD 3
50 RPM
STEPS
7 - RPM SWITCH
P/N
3 - RPML 3
D - DEG / PSI
E - MAP SELECT
8 - HSA SLOPE
9 - HSA CUT-IN
A - HSA MAX
B - TRIGGER
C - CYLINDER
676M
BTR
UP
DOWN
VALUE
MODE
+50
RPM
CONTROL CENTER
®
MODE
FIGURE 1
Push this button to change the mode.
Push either of these buttons to change
the value of the mode.
NOTE: If any button is held down for more
than 1/2 second, the displayed value will
change automatically.
Additional Functions:
The HYFIRE® 676M has two more modes that can make the ignition
installation and setup work better. One of these is the high speed
advance function. This lets you put small amounts of timing in the
engine after the torque peak to pick up a bit of horsepower. There are
three things that need to be set up for this: the cut-in RPM (Mode 9),
the maximum advance (Mode A), and the slope (Mode 8). The cut-
in RPM is the RPM where you want the curve to start working. The
slope is how much the timing will advance every 1000 RPM after the
cut-in RPM. The maximum advance is the highest amount of ad-
vance you want the system to reach.
For example, say that your engine has the torque peak at 6500 RPM,
and you want to add some timing after this. You might want to start
adding timing after 7000 RPM, so this becomes your cut-in speed. If
you then want 2 degrees additional timing at 8000 RPM, then the
slope would be set for 2 degrees per 1000 RPM. However, let’s say
that you don’t want more than 2 degrees of advance, so you would set
the maximum advance at 2 degrees. See Example 7 for more detail.
The other similar mode available is trigger compensation, which is
set when the mode indicator is “b”. This lets you compensate for the
various delays in ignition timing caused by both electronic and me-
chanical changes. To set the trigger compensation, set mode 9 to
5000 RPM, and mode 8 to zero. What this does is tell the system to
start the high-speed advance at 5000 RPM, but with a slope of zero,
there should be no advance. Once the system is set up this way,
watch the timing as the engine revs past 5000 RPM. If the timing
does not stay at a steady value (once the 5000 RPM point is reached)
then adjust the compensation value until it is as flat as possible. For
example, if the timing retards slightly as the RPM goes up, increase
the compensation value. If the timing advances slightly as the RPM
goes up, decrease the compensation value.
NOTE: This function is only valid for RPM above the high-
speed advance cut-in RPM. If you have the high-speed ad-
vance cut-in set above the normal operational range of the
motor, the compensation function does nothing.
Once the compensation is set, then the high speed advance set-
tings will be accurate. The factory setting should be correct for
most types of flying magnet type crank trigger systems, and should
not normally need to be adjusted unless you are using a different
trigger type.
Number of cylinders selection
Number of cylinders selection
Number of cylinders selection
Number of cylinders selection
Number of cylinders selection
The next mode that can be set is mode “C”. This allows you to
select 4 through 12 cylinder operation. This ensures that the RPML
and the timing are proper for the engine. Mode 6F is special—this
is for odd-fire V6 engines ONLY! The cylinder firing spacing should
be 45/75 (at the distributor) or 90/150 at the crank.
MAP Sensor Functions:
The 676M has two modes for use with a MAP (manifold absolute
pressure) sensor. Mode “d” lets you select the number of degrees of
retard per pound of boost, from .1 to 4 degrees. Mode “E” lets you
select the type of MAP device. Typical MAP sensors used in turbo/
supercharged engines are either 2 or 3 bar range, and these
correspond to “2” and “3” in mode “E”. Selection “1” is different. This
is not made for a 1 bar MAP sensor. Instead, selection 1 lets you use
an external 0-5 volt signal to control a 0-20 degree retard. This signal
could be from an external dash-mount control, such as the Mallory
29784, or from an external proportional nitrous controller.
MAP sensor and extension harness are not supplied with 676M.
Part numbers are:
716
2 bar MAP Sensor
717
3 bar MAP Sensor
29785 Extension Harness
NOTE: The 3 bar MAP Sensor (PN 717) and Extension Harness
(PN 29785) are included when a complete Mallory 667BTR
Ignition System is purchased.


Similar Part No. - 676M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
676 LITTELFUSE-676 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
logo
Marl International Limi...
676 MARL-676 Datasheet
421Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
logo
Microsemi Corporation
676-1 MICROSEMI-676-1 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES
676-2 MICROSEMI-676-2 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES
676-3 MICROSEMI-676-3 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES
More results

Similar Description - 676M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
   control unit
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
   Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
   Interrupt Control Unit
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
   VIIC CONTROL UNIT
logo
Pepperl+Fuchs Inc.
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
   Control interface unit
IC-KP2-1HRX-2V1 PF-IC-KP2-1HRX-2V1 Datasheet
720Kb / 4P
   Control interface unit
SB4-OR-4CP-4M PF-SB4-OR-4CP-4M Datasheet
1Mb / 6P
   Safety control unit
2023-02-15
SB4-OR-4CP-B-B PF-SB4-OR-4CP-B-B Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
SB4-OR-4XP-B-B-B-B PF-SB4-OR-4XP-B-B-B-B Datasheet
1Mb / 7P
   Safety control unit
2023-02-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com