Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL22V10-10CNT Datasheet(PDF) 7 Page - Texas Instruments

Part # TIBPAL22V10-10CNT
Description  HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL22V10-10CNT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TIBPAL22V10-10CNT Datasheet HTML 3Page - Texas Instruments TIBPAL22V10-10CNT Datasheet HTML 4Page - Texas Instruments TIBPAL22V10-10CNT Datasheet HTML 5Page - Texas Instruments TIBPAL22V10-10CNT Datasheet HTML 6Page - Texas Instruments TIBPAL22V10-10CNT Datasheet HTML 7Page - Texas Instruments TIBPAL22V10-10CNT Datasheet HTML 8Page - Texas Instruments TIBPAL22V10-10CNT Datasheet HTML 9Page - Texas Instruments TIBPAL22V10-10CNT Datasheet HTML 10Page - Texas Instruments TIBPAL22V10-10CNT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FEEDBACK AND OUTPUT CONFIGURATION
TIBPAL22V10-10C
HIGH-PERFORMANCE IMPACT-X
™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS015 – D3972, FEBRUARY 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
C1
1S
1D
R
S1 = 0
S0 = 0
C1
1S
1D
R
S1 = 0
S0 = 1
REGISTER FEEDBACK, REGISTERED, ACTIVE-LOW OUTPUT
REGISTER FEEDBACK, REGISTERED, ACTIVE-HIGH OUTPUT
S1 = 1
S0 = 0
S1 = 1
S0 = 1
I/O FEEDBACK, COMBINATIONAL, ACTIVE-LOW OUTPUT
I/O FEEDBACK, COMBINATIONAL, ACTIVE-HIGH OUTPUT
MACROCELL FEEDBACK AND OUTPUT FUNCTION TABLE
FUSE SELECT
S1
S0
0
0
Register feedback
Registered
Active low
0
1
Register feedback
Registered
Active high
1
0
I/O feedback
Combinational
Active low
1
1
I/O feedback
Combinational
Active high
0 = unblown fuse, 1 = blown fuse
S1 and S0 are select-function fuses as shown in the output logic macrocell
diagram.
Figure 1. Resultant Macrocell Feedback and Output Logic After Programming


Similar Part No. - TIBPAL22V10-10CNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-15BC TI-TIBPAL22V10-15BC Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BCFN TI-TIBPAL22V10-15BCFN Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BCNT TI-TIBPAL22V10-15BCNT Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results

Similar Description - TIBPAL22V10-10CNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
160Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BC TI-TIBPAL22V10-15BC Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-20M TI-TIBPAL22V10-20M Datasheet
164Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-7C TI-TIBPAL22V10-7C Datasheet
154Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10C TI-TIBPAL22V10C Datasheet
158Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
211Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XE PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-5C TI1-TIBPAL22V10-5C Datasheet
171Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XLE PROGRAMMABLE ARRAY LOGIC CIRCUIT
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com