Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL22V10-15BCNT Datasheet(PDF) 1 Page - Texas Instruments

Part # TIBPAL22V10-15BCNT
Description  HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL22V10-15BCNT Datasheet(HTML) 1 Page - Texas Instruments

  TIBPAL22V10-15BCNT Datasheet HTML 1Page - Texas Instruments TIBPAL22V10-15BCNT Datasheet HTML 2Page - Texas Instruments TIBPAL22V10-15BCNT Datasheet HTML 3Page - Texas Instruments TIBPAL22V10-15BCNT Datasheet HTML 4Page - Texas Instruments TIBPAL22V10-15BCNT Datasheet HTML 5Page - Texas Instruments TIBPAL22V10-15BCNT Datasheet HTML 6Page - Texas Instruments TIBPAL22V10-15BCNT Datasheet HTML 7Page - Texas Instruments TIBPAL22V10-15BCNT Datasheet HTML 8Page - Texas Instruments TIBPAL22V10-15BCNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TIBPAL22V10-15BC
HIGH-PERFORMANCE IMPACT-X
™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS009A – D3356, OCTOBER 1989 – REVISED JUNE 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1990, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Second-Generation PLD Architecture
High-Performance Operation:
fmax (External Feedback) . . . 40 MHz
Propagation Delay . . . 15 ns Max
Increased Logic Power – Up to 22 Inputs
and 10 Outputs
Increased Product Terms – Average of 12
per Output
Variable Product Term Distribution
Allows More Complex Functions to Be
Implemented
Each Output Is User Programmable for
Registered or Combinational Operation,
Polarity, and Output Enable Control
Power-Up Clear on Registered Outputs
TTL-Level Preload for Improved Testability
Extra Terms Provide Logical Synchronous
Set and Asynchronous Reset Capability
Fast Programming, High Programming
Yield, and Unsurpassed Reliability Ensured
Using Ti-W Fuses
AC and DC Testing Done at the Factory
Utilizing Special Designed-In Test Features
Dependable Texas Instruments Quality and
Reliability
Package Options Include Plastic
Dual-In-Line and Chip Carrier Packages
description
The TIBPAL22V10-15BC is a programmable array logic device featuring high speed and functional equivalency
when compared to presently available devices. They are implemented with the familiar sum-of-products
(AND-OR) logic structure featuring the new concept “Programmable Output Logic Macrocell”. These
IMPACT-X
™ circuits combine the latest Advanced Low-Power Schottky technology with proven titanium-
tungsten fuses to provide reliable, high-performance substitutes for conventional TTL logic.
These devices contain up to 22 inputs and 10 outputs. They incorporate the unique capability of defining and
programming the architecture of each output on an individual basis. Outputs may be registered or nonregistered
and inverting or noninverting as shown in the output logic macrocell diagram. The ten potential outputs are
enabled through the use of individual product terms.
Further advantages can be seen in the introduction of variable product term distribution. This technique
allocates from 8 to 16 logical product terms to each output for an average of 12 product terms per output. This
variable allocation of terms allows far more complex functions to be implemented than in previously available
devices.
This device is covered by U.S. Patent 4,410,987.
IMPACT-X is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/I
I
I
I
I
I
I
I
I
I
I
GND
VCC
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I
NT PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
I/O/Q
I/O/Q
I/O/Q
NC
I/O/Q
I/O/Q
I/O/Q
I
I
I
NC
I
I
I
426
14 15 16 17 18
FN PACKAGE
(TOP VIEW)
NC
No internal connection
Pin assignments in operating mode


Similar Part No. - TIBPAL22V10-15BCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-10CFN TI-TIBPAL22V10-10CFN Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-10CNT TI-TIBPAL22V10-10CNT Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results

Similar Description - TIBPAL22V10-15BCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
160Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-20M TI-TIBPAL22V10-20M Datasheet
164Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-7C TI-TIBPAL22V10-7C Datasheet
154Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10C TI-TIBPAL22V10C Datasheet
158Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
211Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XE PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-5C TI1-TIBPAL22V10-5C Datasheet
171Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XLE PROGRAMMABLE ARRAY LOGIC CIRCUIT
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com