Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61008M Datasheet(PDF) 1 Page - Mallory performance club

Part # 61008M
Description  cylinder point distributors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

61008M Datasheet(HTML) 1 Page - Mallory performance club

  61008M Datasheet HTML 1Page - Mallory performance club 61008M Datasheet HTML 2Page - Mallory performance club 61008M Datasheet HTML 3Page - Mallory performance club 61008M Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E-SPARK™ BREAKERLESS CONVERSION KIT
FOR MALLORY POINT DISTRIBUTORS
NOTE: This product is legal in California only for racing vehicles which may never be operated upon a highway.
INSTALLATION INSTRUCTIONS
FORM 1503 6/04
APPLICATIONS
Part No. 61004M
Mallory 8 cylinder point distributors
(automotive and marine) which use
a standard stack cap (Part No. 209
or 209D)
Part No. 61005M
Mallory 8 cylinder point distributors
(automotive and marine) which use
a flat cap (Part No. 221 or 221B)
Part No. 61006M
Mallory 6 cylinder point distributors
(automotive and marine) which use
a standard stack cap (Part No. 270
or 270B)
Part No. 61007M
Mallory 6 cylinder point distributors
(automotive and marine) which use
a mini bowl cap (Part No. 226
or 226B)
Part No. 61008M
Mallory 4 cylinder point distributors
(automotive and marine) which use
a standard stack cap (Part No. 271
or 271B)
Part No. 61009M
Mallory 4 cylinder point distributors
(automotive and marine) which use
a mini bowl cap (Part No. 225
or 225B)
PARTS INCLUDE IN THIS KIT:
1
E-Spark™ Plate Assembly
1
Wire Harness
1
Rotor/Shutter Wheel Assembly (PN 559 contains 2
rotor/shutter wheel assemblies)
1
Wire Connector
1
Grommet, 3-Hole (Marine Approved)
2
Pins, Aluminum
1
Thrust Button
WARNING
You must install the E-Spark™ Conversion Kit
exactly as shown in these instructions. After the
kit is installed—and before you start the engine—
check all wiring again. Mis-wiring will cause the
E-Spark™ Ignition to fail immediately.
INSTALLATION
Step 1
Remove the cap and rotor, then remove the con-
denser. Remove the plastic insulators (see Figure 1).
Step 2
Loosen the 2 nuts that hold the cap clips/brackets in
place (see Figure 1).
NOTE: To loosen the nuts on a marine distributor,
the aluminum pins in the brackets may need to
be cut in two and removed. Replacement pins
are provided.
Step 3
Remove the point plate assembly by lifting it out of
the housing (see Figure 1).
MALLORY IGNITION
www.mrgasket.com
1
IMPORTANT
All kits listed below must be used with an ignition ballast resistor (or loom resistance wire) to prevent
module failure. If your vehicle is not equipped with a ballast resistor or loom resistance wire, Mallory
Ballast Resistor (Part No. 700) or Mallory Coils 29219, 29450 or 30450 (which are internally ballasted)
may be used. These kits do not work with vacuum advance distributors.
FIGURE 1
Condenser
Insulators
Point Plate
Cap Clip Nuts


Similar Part No. - 61008M

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61008021121 WURTH-61008021121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
6100821121 WURTH-6100821121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
More results

Similar Description - 61008M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
617DS-1676 TOKO-617DS-1676 Datasheet
246Kb / 1P
   Distributors
logo
Festo Corporation.
8114037 FESTO-8114037 Datasheet
85Kb / 2P
   Distributors
11/29/22
8114038 FESTO-8114038 Datasheet
85Kb / 2P
   Distributors
11/29/22
logo
Mallory performance clu...
75SERIES MALLORY-75SERIES Datasheet
256Kb / 8P
   BILLET HEI DISTRIBUTORS
PN8598 MALLORY-PN8598 Datasheet
345Kb / 8P
   MSD Ford Billet Distributors
PN8473 MALLORY-PN8473 Datasheet
275Kb / 8P
   MSD Ford Billet Distributors
logo
PHOENIX CONTACT
3029318 PHOENIX-3029318 Datasheet
53Kb / 3P
   Marshalling distributors - ZRV 8 BU
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com