Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL20R8-7M Datasheet(PDF) 9 Page - Texas Instruments

Part # TIBPAL20R8-7M
Description  HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL20R8-7M Datasheet(HTML) 9 Page - Texas Instruments

Back Button TIBPAL20R8-7M Datasheet HTML 5Page - Texas Instruments TIBPAL20R8-7M Datasheet HTML 6Page - Texas Instruments TIBPAL20R8-7M Datasheet HTML 7Page - Texas Instruments TIBPAL20R8-7M Datasheet HTML 8Page - Texas Instruments TIBPAL20R8-7M Datasheet HTML 9Page - Texas Instruments TIBPAL20R8-7M Datasheet HTML 10Page - Texas Instruments TIBPAL20R8-7M Datasheet HTML 11Page - Texas Instruments TIBPAL20R8-7M Datasheet HTML 12Page - Texas Instruments TIBPAL20R8-7M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
R1 = 200
Ω,
R2 = 200
Ω,
See Figure 8
tpd
ns
TIBPAL20L8-5C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS010F – D3353, OCTOBER 1989 – REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle or during a preload cycle.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage (see Note 2)
2
5.5
V
VIL
Low-level input voltage (see Note 2)
0.8
V
IOH
High-level output current
– 3.2
mA
IOL
Low-level output current
24
mA
TA
Operating free-air temperature
0
25
75
°C
NOTE 2: These are absolute voltage levels with respect to the ground pin of the device and include all overshoots due to system and/or tester
noise. Testing these parameters should not be attempted without suitable equipment.
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
– 0.8
– 1.5
V
VOH
VCC = 4.75 V,
IOH = – 3.2 mA
2.4
2.7
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.3
0.5
V
IOZH‡
VCC = 5.25 V,
VO = 2.7 V
100
µA
IOZL‡
VCC = 5.25 V,
VO = 0.4 V
–100
µA
II
VCC = 5.25 V,
VI = 5.5 V
100
µA
IIH‡
VCC = 5.25 V,
VI = 2.7 V
25
µA
IIL‡
VCC = 5.25 V,
VI = 0.4 V
–250
µA
IOS§
VCC = 5.25 V,
VO = 0.5 V
–30
–70
–130
mA
ICC
VCC = 5.25 V,
VI = 0,
Outputs open
210
mA
Ci
f = 1 MHz,
VI = 2 V
8.5
pF
Co
f = 1 MHz,
VO = 2 V
10
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ I/O leakage is the worst case of IOZL and IIL or IOZH and IIH, respectively.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
TIBPAL20L8-5CFN
TIBPAL20L8-5CJT
TIBPAL20L8-5CNT
MIN
MAX
MIN
MAX
I, I/O
O, I/O
with up to 4 outputs
switching
1.5
5
1.5
5
I, I/O
O, I/O
with more than 4
outputs switching
1.5
5
1.5
5.5
ten
I, I/O
O, I/O
2
7
2
7
ns
tdis
I, I/O
O, I/O
2
7
2
7
ns


Similar Part No. - TIBPAL20R8-7M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20R8-7C TI-TIBPAL20R8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20R8-7C TI1-TIBPAL20R8-7C Datasheet
672Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20R8-7CFN TI-TIBPAL20R8-7CFN Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20R8-7CJT TI-TIBPAL20R8-7CJT Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20R8-7CNT TI-TIBPAL20R8-7CNT Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - TIBPAL20R8-7M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com