Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL22VP10-20C Datasheet(PDF) 8 Page - Texas Instruments

Part # TIBPAL22VP10-20C
Description  HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL22VP10-20C Datasheet(HTML) 8 Page - Texas Instruments

Back Button TIBPAL22VP10-20C Datasheet HTML 4Page - Texas Instruments TIBPAL22VP10-20C Datasheet HTML 5Page - Texas Instruments TIBPAL22VP10-20C Datasheet HTML 6Page - Texas Instruments TIBPAL22VP10-20C Datasheet HTML 7Page - Texas Instruments TIBPAL22VP10-20C Datasheet HTML 8Page - Texas Instruments TIBPAL22VP10-20C Datasheet HTML 9Page - Texas Instruments TIBPAL22VP10-20C Datasheet HTML 10Page - Texas Instruments TIBPAL22VP10-20C Datasheet HTML 11Page - Texas Instruments TIBPAL22VP10-20C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FEEDBACK AND OUTPUT CONFIGURATION
tsu
Setup time before clock
ns
ns
Pulse duration
tw
UNIT
TIBPAL22VP10-20C, TIBPAL22VP10-25M
HIGH-PERFORMANCE
IMPACT-X
™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS013 – D2943, FEBRUARY 1987 – REVISED JUNE 1991
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
MACROCELL FEEDBACK AND OUTPUT FUNCTION TABLE
FUSE SELECT
S2
S1
S0
0
0
0
Register feedback
Registered
Active low
0
0
1
Register feedback
Registered
Active high
1
0
0
I/O feedback
Registered
Active low
1
0
1
I/O feedback
Registered
Active high
X
1
0
I/O feedback
Combinational
Active low
X
1
1
I/O feedback
Combinational
Active high
0 = unblown fuse, 1 = blown fuse, X = unblown or blown fuse
S2, S1 and S0 are select-function fuses as shown in the output logic macrocell diagram.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: TIBPAL22VP10-20C
0
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TIBPAL22VP10-25M
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle or during a preload cycle.
recommended operating conditions
TIBPAL22VP10-20C
TIBPAL22VP10-25M
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.75
5
5.25
4.5
5
5.5
V
VIH
High-level input voltage
2
5.5
2
5.5
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
– 3.2
–2
mA
IOL
Low-level output current
16
12
mA
fclock
Clock frequency†
37
25
MHz
Clock high or low
10
20
Asynchronous Reset high or low
20
30
Input
15
20
Feedback
15
20
Synchronous Preset (active)
15
20
Asynchronous Reset (inactive)
20
25
th
Hold time, input, preset, or feedback after clock
0
0
ns
TA
Operating free-air temperature
0
75
–55
125
°C
† f
clock
(with feedback)
+
1
tsu ) tpd (CLK to Q)
, fclock without feedback can be calculated as
f
clock
(without feedback)
+
1
tw high ) tw low
.


Similar Part No. - TIBPAL22VP10-20C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
211Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XE PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI1-TIBPAL22VP10-20C Datasheet
448Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL22VP10-20CFN TI1-TIBPAL22VP10-20CFN Datasheet
448Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL22VP10-20CNT TI1-TIBPAL22VP10-20CNT Datasheet
448Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL22VP10-20C TI1-TIBPAL22VP10-20C_15 Datasheet
448Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
More results

Similar Description - TIBPAL22VP10-20C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BC TI-TIBPAL22V10-15BC Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-20M TI-TIBPAL22V10-20M Datasheet
164Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-7C TI-TIBPAL22V10-7C Datasheet
154Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10C TI-TIBPAL22V10C Datasheet
158Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
211Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XE PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-5C TI1-TIBPAL22V10-5C Datasheet
171Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XLE PROGRAMMABLE ARRAY LOGIC CIRCUIT
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com