Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIR2000 Datasheet(PDF) 11 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 7Page - Texas Instruments TIR2000 Datasheet HTML 8Page - Texas Instruments TIR2000 Datasheet HTML 9Page - Texas Instruments TIR2000 Datasheet HTML 10Page - Texas Instruments TIR2000 Datasheet HTML 11Page - Texas Instruments TIR2000 Datasheet HTML 12Page - Texas Instruments TIR2000 Datasheet HTML 13Page - Texas Instruments TIR2000 Datasheet HTML 14Page - Texas Instruments TIR2000 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
1–5
1.5
Terminal Functions (Continued)
IRRVL
63
I
Infrared receive. IRRVL is connected to the IR transceiver module and receives data
in the slow-speed mode such as the SIR, Sharp Ir, and TV remote-control modes.
IRTX
62
O
Infrared transmit. IRTX is an output terminal connected to the IR transceiver module
and transmits data out from the TIR2000.
RD
32
I
Read. RD is an active-low signal that indicates when the CPU reads data from the
TIR2000.
RESET
35
I
Reset. When active (high), RESET is used for system reset operation.
RI
57
I
Ring indicator. RI is a modem-status signal. Its condition can be checked by reading
bit 6 (RI) of the MSR. Bit 2 (TERI) of the MSR indicates that RI has transitioned from
a low to a high level since the last read from the MSR. If the modem-status interrupt
is enabled when this transition occurs, an interrupt is generated.
RTS
59
O
Request to send. When low, RTS informs the modem or data set that the ACE is ready
to receive data. RTS is set low by setting the RTS MCR bit and is set to its inactive (high)
level either as a result of a master reset, during loop mode operations, or by clearing
bit 1 (RTS) of the MCR. In the auto-RTS mode, RTS is set low by the receiver threshold
control logic.
SIN
53
I
Serial data. SIN is the input from a connected communications device.
SOUT
58
O
Composite serial data output. SOUT is connected to a communication device. SOUT
is set to the marking (high) level as a result of master reset.
TC
31
I
Terminal count. TC comes from the DMA controller and indicates the end of the block
transfer.
TEST
52
I
Test terminal. TEST is used for test purposes only and should be tied low in normal
operation.
VCC
17, 44,
60
5-V or 3-V supply voltage.
WR
33
I
Write. WR is an active low signal that indicates that the CPU is writing data to the
TIR2000.
Xin, Xout
49, 51
I/O
Crystal connectors. A 48-MHz crystal should be connected across these terminals.


Similar Part No. - TIR2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000I TI-TIR1000I Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000IPS TI-TIR1000IPS Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000IPS TI1-TIR1000IPS Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000IPSR TI1-TIR1000IPSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
More results

Similar Description - TIR2000

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752 Datasheet
1,016Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com