Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIR1000PS Datasheet(PDF) 1 Page - Texas Instruments

Part # TIR1000PS
Description  STANDALONE IrDAE ENCODER AND DECODER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR1000PS Datasheet(HTML) 1 Page - Texas Instruments

  TIR1000PS Datasheet HTML 1Page - Texas Instruments TIR1000PS Datasheet HTML 2Page - Texas Instruments TIR1000PS Datasheet HTML 3Page - Texas Instruments TIR1000PS Datasheet HTML 4Page - Texas Instruments TIR1000PS Datasheet HTML 5Page - Texas Instruments TIR1000PS Datasheet HTML 6Page - Texas Instruments TIR1000PS Datasheet HTML 7Page - Texas Instruments TIR1000PS Datasheet HTML 8Page - Texas Instruments TIR1000PS Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TIR1000, TIR1000I
STANDALONE IrDA
™ ENCODER AND DECODER
SLLS228F – DECEMBER 1995 – REVISED JULY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Adds Infrared (IR) Port to Universal
Asynchronous Receiver Transmitter
(UART)
D Compatible With Infrared Data Association
(IrDA
™) and Hewlett Packard Serial Infrared
(HPSIR)
D Provides 1200 bps to 115 kbps Data Rate
D Operates From 2.7 V to 5.5 V
D Provides Simple Interface With UART
D Decodes Negative or Positive Pulses
D Available in Two 8-Terminal Plastic Small
Outline Packages (PSOP), PS Package Has
Slightly Larger Dimensions Than PW
Package
description
The TIR1000 serial infrared (SIR) encoder/
decoder is a CMOS device which encodes and
decodes bit data in conformance with the IrDA
specification.
A transceiver device is needed to interface to the photo-sensitive diode (PIN) and the light emitting diode (LED).
A UART is needed to interface to the serial data lines.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
16XCLK
1
I
Clock signal. 16XCLK should be set to 16 times the baud rate. The highest baud rate for IrDA is 115.2 kbps for which the
clock frequency equals 1.843 MHz (this terminal is tied to the BAUDOUT of a UART).
GND
4
Ground
IR_RXD
6
I
Infrared receiver data. IR_RXD is an IrDA-SIR-modulated input from an optoelectronics transceiver whose input pulses
should be 3/16 of the baud rate period.
IR_TXD
7
O
Infrared transmitter data. IR_TXD is an IrDA-SIR-modulated output to an optoelectronics transceiver.
RESET
5
I
Active high reset. RESET initializes an IrDA-SIR-decode/encode state machine (this terminal is tied to a UART reset
line).
U_RXD
3
O
Receiver data. U_RXD is decoded (demodulated) data from IR_RXD according to the IrDA specification (this terminal is
tied to SIN of a UART).
U_TXD
2
I
Transmitter data. U_TXD is encoded (modulated) data and output data as IR_TXD (this terminal is tied to SOUT from a
UART).
VCC
8
Supply voltage
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
IrDA is a registered trademark of the Infrared Data Association.
functional block diagram
1
2
3
4
8
7
6
5
16XCLK
U_TXD
U_RXD
GND
VCC
IR_TXD
IR_RXD
RESET
PS OR PW PACKAGE
(TOP VIEW)
Decoder
Encoder
RESET
IR_RXD
16XCLK
U_TXD
U_RXD
IR_TXD
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - TIR1000PS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIR1000PSLE TI1-TIR1000PSLE Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000PSRG4 TI1-TIR1000PSRG4 Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
More results

Similar Description - TIR1000PS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com