Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL082B
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082B Datasheet(HTML) 1 Page - Texas Instruments

  TL082B Datasheet HTML 1Page - Texas Instruments TL082B Datasheet HTML 2Page - Texas Instruments TL082B Datasheet HTML 3Page - Texas Instruments TL082B Datasheet HTML 4Page - Texas Instruments TL082B Datasheet HTML 5Page - Texas Instruments TL082B Datasheet HTML 6Page - Texas Instruments TL082B Datasheet HTML 7Page - Texas Instruments TL082B Datasheet HTML 8Page - Texas Instruments TL082B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B, TL082Y, TL084Y
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251–1443
Copyright
© 1992, Texas Instruments Incorporated
1
24 DEVICES COVER COMMERCIAL, INDUSTRIAL, AND MILITARY TEMPERATURE RANGES
Low-Power Consumption
Wide Common-Mode and Differential
Voltage Ranges
Low Input Bias and Offset Currents
Output Short-Circuit Protection
Low Total Harmonic
Distortion . . . 0.003% Typ
High Input Impedance . . . JFET-Input Stage
Internal Frequency Compensation (Except
TL080, TL080A)
Latch-Up-Free Operation
High Slew Rate . . . 13 V/µs Typ
Common-Mode Input Voltage Range
Includes VCC+
NC – No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1 OUT
1 IN –
1 IN +
VCC+
2 IN +
2 IN –
2 OUT
4 OUT
4 IN –
4 IN +
VCC–
3 IN +
3 IN –
3 OUT
TL084, TL084A, TL084B
D, J, N, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4 IN +
NC
VCC –
NC
3 IN +
1 IN +
NC
VCC+
NC
2 IN +
TL084M ...FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC+
NC
OUT
NC
NC
IN –
NC
IN +
NC
TL081M . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2 OUT
NC
2 IN –
NC
NC
1 IN –
NC
1 IN +
NC
TL082M ...FK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
N1/COMP
IN –
IN +
VCC–
COMP
VCC+
OUT
OFFSET N2
TL080
D, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
VCC–
NC
VCC+
OUT
OFFSET N2
TL081, TL081A, TL081B
D, JG, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1 OUT
1 IN –
1 IN +
VCC–
VCC+
2 OUT
2 IN –
2 IN +
TL082, TL082A, TL082B
D, JG, P, OR PW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-STD-883, Class B, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TL082B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL082B STMICROELECTRONICS-TL082B Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL082B TI-TL082B Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL082B TI-TL082B Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL082B TI-TL082B Datasheet
836Kb / 33P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL082B STMICROELECTRONICS-TL082B Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
More results

Similar Description - TL082B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com