Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431Y Datasheet(PDF) 7 Page - Texas Instruments

Part # TL1431Y
Description  PRECISION PROGRAMMABLE REFERENCE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1431Y Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL1431Y Datasheet HTML 3Page - Texas Instruments TL1431Y Datasheet HTML 4Page - Texas Instruments TL1431Y Datasheet HTML 5Page - Texas Instruments TL1431Y Datasheet HTML 6Page - Texas Instruments TL1431Y Datasheet HTML 7Page - Texas Instruments TL1431Y Datasheet HTML 8Page - Texas Instruments TL1431Y Datasheet HTML 9Page - Texas Instruments TL1431Y Datasheet HTML 10Page - Texas Instruments TL1431Y Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062F – DECEMBER 1991 – REVISED JANUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at IKA = 10 mA, TA = 25°C
PARAMETER
TEST CONDITIONS
TEST
TL1431Y
UNIT
PARAMETER
TEST CONDITIONS
CIRCUIT
MIN
TYP
MAX
UNIT
VI(ref)
Reference input voltage
VKA = VI(ref)
Figure 1
2490
2500
2510
mV
DV
I(ref)
Ratio of change in reference input voltage
∆VKA =3Vto36V
Figure 2
11
2
mV/V
I(ref)
DV
KA
gg
to the change in cathode voltage
∆VKA = 3 V to 36 V
Figure 2
–1.1
–2
mV/V
II(ref)
Reference input current
R1 = 10 k
Ω,
R2 =
Figure 2
1.44
2.5
µA
IKAmin
Minimum cathode current for regulation
VKA = VI(ref) to 36 V
Figure 1
0.45
1
mA
Ioff
Off-state cathode current
VKA = 36 V,
Vref = 0
Figure 3
0.18
0.5
µA
|zKA|
Output impedance†
VKA = VI(ref), f ≤ 1 kHz,
IKA = 1 mA to 100 mA
Figure 1
0.2
0.4
† The output impedance is defined as: |z
′| + DV
DI
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is given by: z
KA +
DV
KA
DI
KA
,
which is approximately equal to z
KA
1
) R1
R2
.
PARAMETER MEASUREMENT INFORMATION
where:
∆TA is the rated operating temperature range of the device.
Max VI(ref)
Min VI(ref)
∆TA
VI(dev)
a
V
I(ref)
ppm
°C +
V
I(dev)
V
I(ref)
at 25
°C
106
DT
A
Input
VKA
IKA
VI(ref)
Figure 1. Test Circuit for V(KA) = Vref
Input
VKA
IKA
VI(ref)
II(ref)
R1
R2
V
KA +
V
I(ref)
1
) R1
R2
) I
I(ref)
R1
Figure 2. Test Circuit for V(KA) > Vref


Similar Part No. - TL1431Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431 Datasheet
79Kb / 8P
   PROGRAMMABLE VOLTAGE REFERENCE
TL1431 STMICROELECTRONICS-TL1431 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
603Kb / 26P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431 Datasheet
234Kb / 16P
   Programmable voltage reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
578Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL1431Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com