Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFB4004 Datasheet(PDF) 5 Page - Gunter Seniconductor GmbH.

Part # TFB4004
Description  ISDN Power Feeder with 5V Logic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TFB4004 Datasheet(HTML) 5 Page - Gunter Seniconductor GmbH.

  TFB4004 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TFB4004 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TFB4004 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TFB4004 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TFB4004 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TFB4004 Datasheet HTML 6Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
09/00
4
TFB4004T
Absolute Maximum Ratings
Absolute maximum ratings are limiting values, which can cause damage of the device with
exceeding only one parameter. Absolute maximum values are valid for the operational
temperature range.
Parameter
Symbol
Min.
Max.
Unit
Positive Supply Voltage
VCC
-0.3
6.0
V
Negative Supply Voltage
VBATT
-64
+0.3
V
Input Voltage (Cn, CS, RST)
VI
-0.5
VCC + 0.5
V
Output Voltage (Sn)
VO
-0.5
5.75
V
Output Current (Sn)
IO
15
mA
Junction Temperature
Tj
+155
°C
Storage Temperature
TSTG
-40
+125
°C
Ambient Temperature
TA
-15
+85
°C
Thermal Resistance junction-ambient
Rthja
65
K/W
Power Dissipation
Ptot
1
W
ESD Voltage (1.5k, 100pF)
Pin 3, 12, 17, 26
Pin 14, 15
other pins
VESD
-2000
-2000
-2000
+200
+1500
+2000
V
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Negative Supply Voltage
VBATT
-53
-36
V
Positive Supply Voltage
VCC
4.75
5.25
V
Input LOW Voltage (Cn, CS, RST)
VIL
0
0.8
V
Input HIGH Voltage (Cn, CS, RST)
VIH
2.0
VCC
V
Operating Temperature
TA
0
+70
°C
Electrical Characteristics
VBATT = -53V, VCC = 5.25V, RCPGR = 16k
Ω, T
A = 0°C to +70°C, if not otherwise specified
Parameter
Symbol
Min.
Max.
Unit
Positive Supply Current
all outputs Ln ON, ILn= 100mA
ICC
7
mA
Negative Supply Current
all outputs Ln OFF, VBATT = -64V
IBATT
-2.5
mA
Input HIGH Voltage (Cn, CS, RST)
VIH
2.0
V
Input LOW Voltage (Cn, CS, RST)
VIL
0.8
V


Similar Part No. - TFB4004

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
TFB4014 GSG-TFB4014 Datasheet
139Kb / 6P
   ISDN Power Feeder with 3.3V Logic
More results

Similar Description - TFB4004

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
TFB4014 GSG-TFB4014 Datasheet
139Kb / 6P
   ISDN Power Feeder with 3.3V Logic
logo
STMicroelectronics
STLC5444 STMICROELECTRONICS-STLC5444 Datasheet
141Kb / 17P
   QUAD FEEDER POWER SUPPLY
logo
Linear Technology
LT1342 LINER-LT1342 Datasheet
245Kb / 8P
   5V RS232 Transceiver with 3V Logic Interface
LT1342 LINER-LT1342_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with 3V Logic Interface
logo
Harris Corporation
TA14832 HARRIS-TA14832 Datasheet
82Kb / 3P
   DUAL 5V REGULATOR WITH LOGIC CONTROLLED STARUP FOR AUTOMOTIVE APPLICATIONS
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
logo
Golledge Electronics Lt...
GXO-U108P GOLLEDGE-GXO-U108P Datasheet
601Kb / 5P
   5V 7x5mm Oscillator with Power Saving
logo
Siemens Semiconductor G...
PEB2025 SIEMENS-PEB2025 Datasheet
689Kb / 21P
   ISDN Exchange Power Controller
logo
Sony Corporation
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
   SP4T GSM Dualband Antenna Switch 5V Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com